Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GT60BR Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APT50GT60BR
Description  Thunderbolt IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GT60BR Datasheet(HTML) 6 Page - Microsemi Corporation

  APT50GT60BR Datasheet HTML 1Page - Microsemi Corporation APT50GT60BR Datasheet HTML 2Page - Microsemi Corporation APT50GT60BR Datasheet HTML 3Page - Microsemi Corporation APT50GT60BR Datasheet HTML 4Page - Microsemi Corporation APT50GT60BR Datasheet HTML 5Page - Microsemi Corporation APT50GT60BR Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APT50GT60BR_SR(G)
Figure22,Turn-onSwitchingWaveformsandDefinitions
Figure23,Turn-offSwitchingWaveformsandDefinitions
T
J = 125°C
Collector Current
Collector Voltage
Gate Voltage
Switching Energy
5%
10%
t
d(on)
90%
10%
t
r
5%
T
J = 125°C
Collector Voltage
Collector Current
Gate Voltage
Switching Energy
0
90%
t
d(off)
10%
t
f
90%
APT40DQ60
IC
A
D.U.T.
VCE
Figure21,InductiveSwitchingTestCircuit
VCC
Microsemi’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786
5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
TO-247 Package Outline
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.50 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Collector
Emitter
Gate
5.45 (.215) BSC
Dimensions in Millimeters and (Inches)
2-Plcs.
15.95 (.628)
16.05(.632)
1.22 (.048)
1.32 (.052)
5.45 (.215) BSC
{2 Plcs.}
4.98 (.196)
5.08 (.200)
1.47 (.058)
1.57 (.062)
2.67 (.105)
2.84 (.112)
0.46 (.018) {3 Plcs}
0.56 (.022)
Dimensions in Millimeters (Inches)
HeatSink(Collector)
andLeads arePlated
3.81 (.150)
4.06 (.160)
(Base of Lead)
1.98 (.078)
2.08 (.082)
Gate
Collector
Emitter
0.020 (.001)
0.178 (.007)
1.27 (.050)
1.40 (.055)
11.51 (.453)
11.61 (.457)
13.41 (.528)
13.51(.532)
Revised
8/29/97
1.04 (.041)
1.15(.045)
13.79 (.543)
13.99(.551)
Revised
4/18/95
D
3PAKPackageOutline
e1 SAC: Tin, Silver, Copper
e3 SAC: Tin, Silver, Copper


Similar Part No. - APT50GT60BR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GT60BR ADPOW-APT50GT60BR Datasheet
409Kb / 6P
   Thunderbolt IGBT
logo
Microsemi Corporation
APT50GT60BRDL MICROSEMI-APT50GT60BRDL Datasheet
200Kb / 9P
   Resonant Mode Combi IGBT
APT50GT60BRDLG MICROSEMI-APT50GT60BRDLG Datasheet
200Kb / 9P
   Resonant Mode Combi IGBT
logo
Advanced Power Technolo...
APT50GT60BRDQ1 ADPOW-APT50GT60BRDQ1 Datasheet
431Kb / 9P
   Thunderbolt IGBT
APT50GT60BRDQ1G ADPOW-APT50GT60BRDQ1G Datasheet
431Kb / 9P
   Thunderbolt IGBT
More results

Similar Description - APT50GT60BR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GT60BRDQ2 ADPOW-APT50GT60BRDQ2 Datasheet
431Kb / 9P
   Thunderbolt IGBT
APT15GT120BR ADPOW-APT15GT120BR Datasheet
397Kb / 6P
   Thunderbolt IGBT
APT20GT60BRDQ1 ADPOW-APT20GT60BRDQ1 Datasheet
428Kb / 9P
   Thunderbolt IGBT
APT25GT120BR ADPOW-APT25GT120BR Datasheet
394Kb / 6P
   Thunderbolt IGBT
logo
Microsemi Corporation
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
215Kb / 9P
   Thunderbolt IGBT
APT100GT120JRDQ4 MICROSEMI-APT100GT120JRDQ4 Datasheet
993Kb / 9P
   Thunderbolt IGBT
logo
Advanced Power Technolo...
APT50GT120LRDQ2 ADPOW-APT50GT120LRDQ2 Datasheet
440Kb / 9P
   Thunderbolt IGBT
APT50GT60BR ADPOW-APT50GT60BR Datasheet
409Kb / 6P
   Thunderbolt IGBT
APT15GT60BRDQ1 ADPOW-APT15GT60BRDQ1 Datasheet
427Kb / 9P
   Thunderbolt IGBT
APT15GT120BRDQ1 ADPOW-APT15GT120BRDQ1 Datasheet
430Kb / 9P
   Thunderbolt IGBT
APT30GT60BRDQ2 ADPOW-APT30GT60BRDQ2 Datasheet
435Kb / 9P
   Thunderbolt IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com