Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GS60SRDQ2G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APT50GS60SRDQ2G
Description  Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GS60SRDQ2G Datasheet(HTML) 5 Page - Microsemi Corporation

  APT50GS60SRDQ2G Datasheet HTML 1Page - Microsemi Corporation APT50GS60SRDQ2G Datasheet HTML 2Page - Microsemi Corporation APT50GS60SRDQ2G Datasheet HTML 3Page - Microsemi Corporation APT50GS60SRDQ2G Datasheet HTML 4Page - Microsemi Corporation APT50GS60SRDQ2G Datasheet HTML 5Page - Microsemi Corporation APT50GS60SRDQ2G Datasheet HTML 6Page - Microsemi Corporation APT50GS60SRDQ2G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0.0731
0.226
0.00606
0.260
Dissipated Power
(Watts)
TJ (°C)
TC (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
RECTANGULAR PULSE DURATION (SECONDS)
Figure 19, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
Figure 20, Transient Thermal Impedance Model
I
C, COLLECTOR CURRENT (A)
Figure 21, Operating Frequency vs Collector Current
V
CE, COLLECTOR-TO-EMITTER VOLTAGE (V)
V
CE, COLLECTOR-TO-EMITTER VOLTAGE (V)
Figure 17, Forward Safe Operating Area
Figure 18, Maximum Forward Safe Operating Area
1
10
100
800
1
10
100
800
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
200
100
10
1
0.1
200
100
10
1
0.1
Scaling for Different Case & Junction
Temperatures:
I
C = IC(TC = 25°C)
*(T
J - TC)/125
T
J = 150°C
T
C = 25°C
1ms
100ms
VCE(on)
DC line
100µs
I
CM
10ms
13µs
T
J = 125°C
T
C = 75°C
1ms
100ms
VCE(on)
DC line
100µs
I
CM
10ms
13µs
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t2
t2
t1
Note:
TJ = 125°C
TC = 75°C
D = 50 %
VCE = 400V
RG = 4.7Ω
75°C
100°C
0.3
0.9
0.7
SINGLE PULSE
0.5
0.1
0.05
F
max
= min (f
max, fmax2)
0.05
f
max1 = t
d(on) + tr + td(off) + tf
P
diss - Pcond
E
on2 + Eoff
f
max2 =
P
diss =
T
J - TC
RθJC
10-5
10-4
10-3
10-2
10-1
1.0
0
10 20 30 40 50
60 70 80
90
160
140
120
100
80
60
40
20
0
APT50GS60B_SRDQ2(G)
TYPICAL PERFORMANCE CURVES


Similar Part No. - APT50GS60SRDQ2G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT50GS60SR MICROSEMI-APT50GS60SR Datasheet
612Kb / 7P
   Thunderbolt High Speed NPT IGBT
APT50GS60SRG MICROSEMI-APT50GS60SRG Datasheet
612Kb / 7P
   Thunderbolt High Speed NPT IGBT
More results

Similar Description - APT50GS60SRDQ2G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30GS60BRDQ2 MICROSEMI-APT30GS60BRDQ2 Datasheet
594Kb / 7P
   Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
APT20GS60BRDQ1 MICROSEMI-APT20GS60BRDQ1 Datasheet
637Kb / 7P
   Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
APT30GS60KR MICROSEMI-APT30GS60KR Datasheet
590Kb / 7P
   Thunderbolt High Speed NPT IGBT
APT50GS60BR MICROSEMI-APT50GS60BR Datasheet
612Kb / 7P
   Thunderbolt High Speed NPT IGBT
APT20GN60B MICROSEMI-APT20GN60B Datasheet
131Kb / 6P
   Thunderbolt High Speed NPT IGBT
APT20GS60KR MICROSEMI-APT20GS60KR Datasheet
611Kb / 7P
   Thunderbolt High Speed NPT IGBT
logo
ON Semiconductor
HGTG11N120CND ONSEMI-HGTG11N120CND Datasheet
437Kb / 10P
   NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
December, 2020 ??Rev. 2
logo
IXYS Corporation
IXGQ85N33PCD1 IXYS-IXGQ85N33PCD1 Datasheet
150Kb / 5P
   Advance Technical Information PolarTM High Speed IGBT with Anti-Parallel Diode
logo
Unisonic Technologies
UG5N120 UTC-UG5N120 Datasheet
288Kb / 3P
   NPT N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODES
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com