Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KV1835KJ Datasheet(PDF) 1 Page - TOKO, Inc

Part # KV1835KJ
Description  VARIABLE CAPACITANCE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

KV1835KJ Datasheet(HTML) 1 Page - TOKO, Inc

  KV1835KJ Datasheet HTML 1Page - TOKO, Inc KV1835KJ Datasheet HTML 2Page - TOKO, Inc KV1835KJ Datasheet HTML 3Page - TOKO, Inc KV1835KJ Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
August 1999 TOKO, Inc.
Page 1
KV1835K
VARIABLE CAPACITANCE DIODE
FEATURES
s Very Small UFD Surface Mount Package
s Very Low Operating Voltage (1 to 4 V)
s Large Capacitance Ratio (A = 2.8 minimum)
s Excellent Linearity (CV Curve)
s Very Small Capacitance Deviation at Tape/Reel
s Very Low Series Resistance
APPLICATIONS
s Communications Equipment
s Multi-Channel Cordless Telephone
s Voltage Controlled Oscillator
s UHF Wireless Communication Systems
KV1835K
CLASSIFICATION
(Unit: pF)
RANK
C
12
3
C
2
MIN
11.8
12.3
13.0
MAX
12.6
13.3
13.8
ORDERING INFORMATION
TAPE/REEL CODE
TR: Tape Right
Tape/Reel Code
KV1835K
DESCRIPTION
The KV1835K is a variable capacitance diode designed for
UHF applications.
The KV1835K is available in a very small UFD Surface
Mount Package.
Note: Rank is determined after testing and marked on the
reel. All the diodes on a reel have the same rank, but rank
can not be specified when ordering.


Similar Part No. - KV1835KJ

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
KV1835E TOKO-KV1835E Datasheet
24Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1835EJ TOKO-KV1835EJ Datasheet
24Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1835ETR TOKO-KV1835ETR Datasheet
24Kb / 4P
   VARIABLE CAPACITANCE DIODE
More results

Similar Description - KV1835KJ

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDV708Q AUK-SDV708Q_1 Datasheet
174Kb / 3P
   Variable Capacitance Diode
logo
TOKO, Inc
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1560NT TOKO-KV1560NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1430 TOKO-KV1430 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
logo
Sony Corporation
1T399 SONY-1T399 Datasheet
46Kb / 4P
   Variable Capacitance Diode
logo
Toshiba Semiconductor
1SV162 TOSHIBA-1SV162 Datasheet
34Kb / 1P
   VARIABLE CAPACITANCE DIODE
logo
TOKO, Inc
KV1440 TOKO-KV1440 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1471K TOKO-KV1471K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1812K TOKO-KV1812K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832C TOKO-KV1832C Datasheet
26Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832K TOKO-KV1832K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com