Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH2-200 Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # CH2-200
Description  SMPS High Isolation (2500V min) Current Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CH2-200 Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  CH2-200 Datasheet HTML 1Page - PREMO CORPORATION S.L CH2-200 Datasheet HTML 2Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - CH2-200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20 MACOM-CH20 Datasheet
220Kb / 2P
   HIGH POWER DUAL DIRECTIONAL COUPLERS
CH20-0032-17G MACOM-CH20-0032-17G Datasheet
103Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
CH20-0032-17G MACOM-CH20-0032-17G Datasheet
237Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler, 824-960 MHz
logo
M/A-COM Technology Solu...
CH20-0032-17G MA-COM-CH20-0032-17G Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
logo
Tyco Electronics
CH20-0032-17G-RTR MACOM-CH20-0032-17G-RTR Datasheet
103Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
More results

Similar Description - CH2-200

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ICA-0635 ICE-ICA-0635 Datasheet
148Kb / 1P
   SMPS Transformer
logo
PREMO CORPORATION S.L
CF-050 PREMO-CF-050 Datasheet
136Kb / 1P
   PTH SMPS Current Transformer Up to 15A
CA-050X PREMO-CA-050X Datasheet
290Kb / 1P
   PTH SMPS Current Transformer Up to 15A
logo
Solid State Optronic
M212 SSOUSA-M212_15 Datasheet
296Kb / 7P
   High Input-to-Output Isolation (1.5kV MIN)
M231 SSOUSA-M231 Datasheet
291Kb / 7P
   High Input-to-Output Isolation (1500V MIN)
M201 SSOUSA-M201 Datasheet
293Kb / 7P
   High Input-to-Output Isolation (1500V MIN)
logo
Rhombus Industries Inc.
T-924 RHOMBUS-IND-T-924 Datasheet
27Kb / 1P
   High Isolation Pulse Transformer
T-925 RHOMBUS-IND-T-925 Datasheet
27Kb / 1P
   High Isolation Pulse Transformer
logo
Pulse A Technitrol Comp...
PH9363NL PULSE-PH9363NL Datasheet
371Kb / 2P
   High Isolation Power Transformer
logo
Toshiba Semiconductor
TLP705A TOSHIBA-TLP705A Datasheet
392Kb / 16P
   Isolation voltage - 5000 Vrms (min)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com