Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT5420SIM Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT5420SIM
Description  13-BIT, OCTAL D/A CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5420SIM Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT5420SIM Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
6/26/01
SPT5420
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Address Valid to WR Setup
t1
20
ns
Address Valid to WR Hold
t2
0ns
CS
Pulse Width Low
t3
50
ns
WR
Pulse Width Low
t4
50
ns
CS
to WR Setup
t5
0ns
WR
to CS Hold
t6
0ns
Data Setup
t7
25
ns
Data Hold
t8
0ns
Settling Time1
t9
15
us
LDAC
Pulse Width Low
t10
50
ns
CLR
Pulse Activation
t11
300
ns
NOTES:
All digital input rise and fall times are measured from 10% to 90% of +5 V.
tr = tf = 5 ns.
1. RL = 10 kΩ
CL ≤ 220 pF
TIMING CHARACTERISTICS
t5
t3
t6
t4
t1
t2
t7
t8
t10
CS
WR
A0–A2
D0–D12
LDAC
t9
VOUT
t5
t3
t6
t4
t1
t2
t7
t8
CS
WR
A0–A2
D0–D12
t9
VOUT
t11
t9
CLR
VOUT
Figure 1a – Timing Diagram: Latched Mode
(LDAC Strobed)
Figure 1b – Timing Diagram: Transparent Mode
(LDAC Held Low)


Similar Part No. - SPT5420SIM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5420SIM FAIRCHILD-SPT5420SIM Datasheet
118Kb / 8P
   13-BIT, OCTAL D/A CONVERTER
More results

Similar Description - SPT5420SIM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5420 FAIRCHILD-SPT5420 Datasheet
118Kb / 8P
   13-BIT, OCTAL D/A CONVERTER
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
   Octal 8 Bit CMOS D/A Converter
DAC8800 AD-DAC8800 Datasheet
307Kb / 16P
   Octal 8-Bit CMOS D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX7228 MAXIM-MX7228 Datasheet
379Kb / 12P
   CMOS Octal 8-Bit D/A Converter
1989
logo
Hittite Microwave Corpo...
HMCAD1101 HITTITE-HMCAD1101 Datasheet
1Mb / 24P
   Octal 13/12-Bit 65 MSPS A/D Co nverter
HMCAD1051-40 HITTITE-HMCAD1051-40 Datasheet
756Kb / 14P
   Single 13/12-Bit 20/40 MSPS A/D Converter
HMCAD1051-80 HITTITE-HMCAD1051-80 Datasheet
755Kb / 14P
   Single 13/12-Bit 65/80 MSPS A/D Converter
HMCAD1050-40 HITTITE-HMCAD1050-40 Datasheet
788Kb / 14P
   Dual 13/12-Bit 20/40 MSPS A/D Converter
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
   Dual 13/12-Bit 65/80 MSPS A/D Converter
HMCAD1100 HITTITE-HMCAD1100 Datasheet
1Mb / 26P
   Octal 13/12-Bit 20/40/50 MSPS A/D Co nverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com