Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC1103 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # TMC1103
Description  Triple Video A/D Converter with Clamps 8-Bit, 50Msps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1103 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button TMC1103 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PRODUCT SPECIFICATION
TMC1103
7
Operating Conditions
Parameter
Min.
Nom
Max.
Units
VDD, VDDA
Power Supply Voltage
4.75
5.0
5.25
V
AGND
Analog Ground (Measured to DGND)
-0.1
0
0.1
V
VRTX
Reference Voltage, Top
2.6
VDDA
V
VRBX
Reference Voltage, Bottom
0
0.6
V
VRTX-VRBX
Reference Voltage Differential
1.0
2.0
5.0
V
VINX
Analog Input Range
VRB
VRT
V
VCLPX
Clamp Reference Voltage, 50
W max source
0
V
VIH
Input Voltage, Logic HIGH
0.7 VDD
VDD
V
VIL
Input Voltage, Logic LOW
GND
0.3 VDD
V
IOH
Output Current, Logic HIGH
-4.0
mA
IOL
Output Current, Logic LOW
4.0
mA
TA
Ambient Temperature, Still Air
0
70
°C
Electrical Characteristics
Parameter
Conditions
Min.
Typ1
Max.
Units
IDD
Power Supply Current1
CLOAD = 35pF, fCK = fS (3 A/Ds)
fS = 20 Msps
70
90
mA
fS = 40 Msps
94
120
mA
fS = 50 Msps
105
135
mA
IDDQ
Power Supply Current,
Quiescent
VDD = VDDA = Max.
CLKX = LOW
29
55
mA
CLKX = HIGH
45
65
mA
PD
Total Power Dissipation1
CLOAD = 35pF, fCK = fS (3 A/Ds)
fS = 20 Msps
300
470
mW
fS = 40 Msps
425
630
mW
fS = 50 Msps
490
710
mW
CAI
Input Capacitance, Analog
CLKX = LOW
4
pF
CLKX = HIGH
12
pF
RIN
Input Resistance
500
k
W
RREF
Reference Resistance
200
270
340
W
ICB
Input Current, Analog
±5
mA
IIH
Input Current, HIGH
VDD = Max., VIN = VDD
±5
mA
IIL
Input Current, LOW
VDD = Max., VIN = 0V
±5
mA
IOZH
Hi-Z Output Leakage Current,
Output HIGH
VDD = Max., VIN = VDD
±5
mA
IOZL
Hi-Z Output Leakage Current,
Output LOW
VDD = Max., VIN = VDD
±5
mA
IOS
Short-Circuit Current
35
mA


Similar Part No. - TMC1103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC20 FAIRCHILD-TMC1103KLC20 Datasheet
86Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC20 FAIRCHILD-TMC1103KLC20 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC40 FAIRCHILD-TMC1103KLC40 Datasheet
86Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC40 FAIRCHILD-TMC1103KLC40 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
More results

Similar Description - TMC1103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
logo
Sony Corporation
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
   8-Bit, 50MSPS, Video A/D Converter with Clamp Function
logo
Fairchild Semiconductor
FMS9874 FAIRCHILD-FMS9874 Datasheet
172Kb / 25P
   Graphics Digitizer - 3x8-Bit, 108Ms/s Triple Video A/D Converter with Clamps
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
FMS9875 FAIRCHILD-FMS9875 Datasheet
484Kb / 29P
   Triple 8-Bit, 108/140 MHz A/D Converter with Clamps and PLL
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com