Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC1175AM7C20 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # TMC1175AM7C20
Description  Video A/D Converter 8 bit, 40 Msps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1175AM7C20 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button TMC1175AM7C20 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC1175AM7C20 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC1175AM7C20 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1175AM7C20 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1175AM7C20 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1175AM7C20 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1175AM7C20 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC1175AM7C20 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC1175AM7C20 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PRODUCT SPECIFICATION
TMC1175A
REV. 1.3.3 2/28/02
7
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
operating conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply Voltages
VDDA
Measured to AGND
-0.5
7.0
V
VDDD
Measured to DGND
-0.5
7.0
VDDA
Measured to VDDD
-0.5
0.5
V
AGND
Measured to DGND
-0.5
0.5
Digital Inputs
Applied Voltage2
Measured to DGND
-0.5
VDDD + 0.5
V
Forced Current3,4
-10.0
10.0
mA
Analog Inputs
Applied Voltage2
Measured to AGND
-0.5
VDDA + 0.5
V
Forced Current3,4
-10.0
10.0
mA
Outputs
Applied Voltage2
Measured to DGND
-0.5
VDDD + 0.5
V
Forced Current3,4
-6.0
6.0
mA
Short Circuit Duration
Single output in HIGH state to ground
1
sec
Temperature
Operating, Ambient
-20
110
°C
Junction
150
°C
Storage
-65
150
°C
Lead Soldering
10 seconds
300
°C
Vapor Phase Soldering
1 minute
220
°C


Similar Part No. - TMC1175AM7C20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC1175AM7C20 FAIRCHILD-TMC1175AM7C20 Datasheet
707Kb / 5P
   Video A/D Conveter
More results

Similar Description - TMC1175AM7C20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Intersil Corporation
HI1179 INTERSIL-HI1179_05 Datasheet
303Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com