Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2192KHC Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
6
REV. 1.0.0 8/13/03
ANALOG INTERFACE – Support (9 pins)
CBYPLUMA
11
0.1
µF
Reference Bypass Capacitor for LUMA DAC. Connection
point for 0.1
µF Capacitor.
CBYPCHROM
6
0.1
µF
Reference Bypass Capacitor for CHROMA DAC. Connection
point for 0.1
µF Capacitor.
CBYPCOMP
3
0.1
µF
Reference Bypass Capacitor for COMPOSITE DAC.
Connection point for 0.1
µF Capacitor.
RREFLUMA
13
1210 Ohm
Current Setting Resistor. Connection point for external current
setting resistor for LUMA DAC. The resistor is connected
between RREFLUMA and GND. Output video levels are
inversely proportional to the value of RREF2.
RREFCHROM
8
1210 Ohm
Current Setting Resistor. Connection point for external current
setting resistor for CHROMA DAC. The resistor is connected
between RREFCHROM and GND. Output video levels are
inversely proportional to the value of RREFCHROM.
RREFCOMP
99
1210 Ohm
Current Setting Resistor. Connection point for external current
setting resistor for COMPOSITE DAC. The resistor is connected
between RREFCOMP and GND. Output video levels are
inversely proportional to the value of RREFCOMP.
VREF
98
1.235 V
Voltage Reference Input. External voltage reference input,
internal voltage reference output, nominally 1.235V.
MPU INTERFACE (13 pins)
A[1:0]/SA[1:0]
61, 62
TTL
When SER (HIGH), OLUT/control/pointer address.
When SER (LOW), SA[1:0] of serial chip address SA[6:0].
CS/SCL
59
TTL/R-BUS
When SER (HIGH), microprocessor port clock.
When SER (LOW), serial bus clock.
D[7:0]
63–70
TTL
Bi-directional Data Bus.
RW/SDA
60
TTL/R-BUS
When SER (HIGH), read/write control.
When SER (LOW), serial bus bi-directional data.
SER
58
TTL
Microprocessor Select. When LOW, the serial interface is
enabled. When HIGH, the parallel interface is enabled.
POWER & GROUND (17 pins)
AGND
4, 9, 14, 15, 18,
19, 100
0.0V
Analog ground
DGND
26, 40, 53, 71, 97
0.0V
Digital ground
VDD
39, 54, 72, 96
+5.0V
Digital positive power supply
VDDA
1, 7, 12, 16, 17
+5.0V
Analog positive power supply
Pin Definitions (continued)
Pin Name
Pin Number
Value
Description


Similar Part No. - TMC2192KHC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2192KHC FAIRCHILD-TMC2192KHC Datasheet
457Kb / 69P
   10 Bit Encoder
More results

Similar Description - TMC2192KHC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2192 FAIRCHILD-TMC2192 Datasheet
457Kb / 69P
   10 Bit Encoder
TMC2193 FAIRCHILD-TMC2193 Datasheet
448Kb / 72P
   10 Bit Encoder
logo
Cadeka Microcircuits LL...
TMC2193 CADEKA-TMC2193 Datasheet
547Kb / 72P
   10 Bit Encoder
logo
Broadcom Corporation.
AEAT-8800-Q24 BOARDCOM-AEAT-8800-Q24 Datasheet
1Mb / 21P
   10-Bit to16-Bit Programmable Angular Magnetic Encoder
logo
ams AG
AS5050 AMSCO-AS5050 Datasheet
588Kb / 22P
   Low Power 10-Bit Magnetic Rotary Encoder
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5050 AMSCO-AS5050_07 Datasheet
597Kb / 25P
   Low Power 10-Bit Magnetic Rotary Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
   10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
Analog Devices
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com