Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK10416 Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK10416
Description  DYNAMIC SPEAKER DRIVE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK10416 Datasheet(HTML) 2 Page - TOKO, Inc

  TK10416 Datasheet HTML 1Page - TOKO, Inc TK10416 Datasheet HTML 2Page - TOKO, Inc TK10416 Datasheet HTML 3Page - TOKO, Inc TK10416 Datasheet HTML 4Page - TOKO, Inc TK10416 Datasheet HTML 5Page - TOKO, Inc TK10416 Datasheet HTML 6Page - TOKO, Inc TK10416 Datasheet HTML 7Page - TOKO, Inc TK10416 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2
December 1999 TOKO, Inc.
TK10416
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
V
C
C
R
,
V
6
.
3
=
L = ∞
7
.
20
.
4A
m
V
C
C
R
,
V
0
.
5
=
L = ∞
8
.
22
.
4A
m
I
)
Y
B
T
S
(
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
y
b
d
n
a
t
SV
C
C
R
,
4
n
i
P
=
V
6
.
3
=
L = ∞
0
.
00
.
2A
µ
I
T
N
O
C
t
n
e
r
r
u
C
l
a
n
i
m
r
e
T
l
o
r
t
n
o
CV
,
t
n
e
r
r
u
C
k
n
i
S
4
n
i
P
4
n
i
P
V
=
C
C
0
90
4
1A
µ
V
S
H
T
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
y
b
d
n
a
t
S4
n
i
PV
C
C
4
.
0
-V
G
O
V
n
i
a
G
e
g
a
t
l
o
V
t
i
u
c
r
i
C
n
e
p
O1
P
M
A0
.
1
7B
d
G
V
n
i
a
G
e
g
a
t
l
o
V
1
P
M
A0
.
5
20
.
8
20
.
0
3B
d
2
P
M
A0
.
3
-0
.
00
.
3
+B
d
2
P
M
A
+
1
P
M
A0
.
1
30
.
4
30
.
6
3B
d
D
H
Tn
o
i
t
r
o
t
s
i
D
c
i
n
o
m
r
a
H
l
a
t
o
T
V
C
C
P
,
V
6
.
3
=
T
U
O
W
m
0
6
=5
.
00
.
1%
V
C
C
P
,
V
0
.
5
=
T
U
O
W
m
0
2
1
=5
.
00
.
1%
P
)
X
A
M
(
T
U
O
r
e
w
o
P
t
u
p
t
u
O
m
u
m
i
x
a
M
V
C
C
,
V
6
.
3
=D
H
T
%
0
10
80
2
1W
m
V
C
C
,
V
0
.
5
=D
H
T
%
0
10
7
10
8
2W
m
R
Ro
i
t
a
R
n
o
i
t
c
e
j
e
R
e
l
p
p
i
RC
f
e
r
F
µ
2
2
=5
.
2
4B
d
V
)
C
D
(
T
U
O
t
u
p
t
u
O
t
a
e
g
a
t
l
o
V
C
D
l
a
n
i
m
r
e
T
V
1
T
U
O
0
2
.
10
4
.
10
6
.
1V
V
2
T
U
O
0
2
.
10
4
.
10
6
.
1V
V
)
S
O
(
T
U
O
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
t
u
OV
2
T
U
O
V
+
1
T
U
O
0
.
0
3
-0
.
00
.
0
3
+V
m
R
L
e
c
n
a
t
s
i
s
e
R
d
a
o
L8
2
3
Supply Voltage ........................................................... 6 V
Operating Voltage ......................................... 1.8 to 5.5 V
Power Dissipation (Notes 1 and 2) ..................... 400 mW
ABSOLUTE MAXIMUM RATINGS
TK10416 ELECTRICAL CHARACTERISTICS
Test Conditions: V
CC = 3.6 V, f = 1.0 kHz, RL = 32 Ω, TA = 25 °C, unless otherwise specified.
Note 1: Power dissipation is 400 mW in free air. Derate at 3.2 mW/
°C for operation above 25 °C.
Note 2: Power dissipation is 600 mW when mounted. Derate at 4.8 mW/
°C for operation above 25 °C.
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................... -20 to +70
°C


Similar Part No. - TK10416

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK10415 TOKO-TK10415 Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415M TOKO-TK10415M Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415MTL TOKO-TK10415MTL Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415MTL/415 TOKO-TK10415MTL/415 Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415TL TOKO-TK10415TL Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
More results

Similar Description - TK10416

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1157 OKI-MSC1157 Datasheet
143Kb / 14P
   Speaker Drive Amplifier
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
   DIRECT DRIVE SPEAKER AMPLIFIER
logo
TOKO, Inc
TK10415 TOKO-TK10415 Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
logo
Soberton Inc.
SP-1704 SOBERTON-SP-1704 Datasheet
284Kb / 5P
   Dynamic Speaker
SP-1810 SOBERTON-SP-1810 Datasheet
291Kb / 5P
   Dynamic Speaker
SP-7140-1 SOBERTON-SP-7140-1 Datasheet
561Kb / 6P
   Dynamic Speaker
SP-1504 SOBERTON-SP-1504 Datasheet
374Kb / 5P
   Dynamic Speaker
SP-1511S-4 SOBERTON-SP-1511S-4 Datasheet
346Kb / 5P
   Dynamic Speaker
SP-2805 SOBERTON-SP-2805 Datasheet
293Kb / 5P
   Dynamic Speaker
SP-1605 SOBERTON-SP-1605 Datasheet
215Kb / 5P
   Dynamic Speaker
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com