Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE36N50-DK Datasheet(PDF) 3 Page - STMicroelectronics

Part # STE36N50-DK
Description  N-CHANNEL ENHANCEMENT MODE POWERMOS TRANSISTORANDULTRA-FAST DIODEINISOTOPPACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE36N50-DK Datasheet(HTML) 3 Page - STMicroelectronics

  STE36N50-DK Datasheet HTML 1Page - STMicroelectronics STE36N50-DK Datasheet HTML 2Page - STMicroelectronics STE36N50-DK Datasheet HTML 3Page - STMicroelectronics STE36N50-DK Datasheet HTML 4Page - STMicroelectronics STE36N50-DK Datasheet HTML 5Page - STMicroelectronics STE36N50-DK Datasheet HTML 6Page - STMicroelectronics STE36N50-DK Datasheet HTML 7Page - STMicroelectronics STE36N50-DK Datasheet HTML 8Page - STMicroelectronics STE36N50-DK Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MOSFET ELECTRICAL CHARACTERISTICS (continued)
DYNAMIC
Symbol
Parameter
Test Condi tions
Min.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(on) xRDS(on)max
ID =18 A
16
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transf er
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
8000
1300
350
pF
pF
pF
SWITCHING ON
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD =250 V
ID =18 A
RG =4.7
VGS =10 V
(see test circuit, figure 1)
45
85
65
120
ns
ns
(di/dt) on
Turn-on Current Slope
VDD =400 V
ID =36 A
RG =4.7
VGS =10 V
(see test circuit, figure 3)
700
A/
µs
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 400 V
ID =36 A
VGS =10 V
295
35
145
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Of f-voltage Rise Time
Fall Time
Cross-over Time
VDD =400 V
ID =36 A
RG =4.7
Ω VGS =10 V
(see test circuit, figure 3)
100
45
160
140
65
225
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
ISD
I SDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
36
144
A
A
VSD (
∗)
Forward On Volt age
ISD =36 A
VGS =0
1.4
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 36 A
di/dt = 100 A/
µs
VDD = 100 V
Tj =150
oC
(see test circuit, figure 3)
1
29
58
µs
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
STE36N50-DK
3/9


Similar Part No. - STE36N50-DK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE36N50-DA STMICROELECTRONICS-STE36N50-DA Datasheet
169Kb / 9P
   N-CHANNEL ENHANCEMENT MODE POWERMOS TRANSISTORANDULTRA-FAST DIODEINISOTOPPACKAGE
More results

Similar Description - STE36N50-DK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE36N50-DA STMICROELECTRONICS-STE36N50-DA Datasheet
169Kb / 9P
   N-CHANNEL ENHANCEMENT MODE POWERMOS TRANSISTORANDULTRA-FAST DIODEINISOTOPPACKAGE
logo
IXYS Corporation
IXFB40N110Q3 IXYS-IXFB40N110Q3 Datasheet
143Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFN32N100Q3 IXYS-IXFN32N100Q3 Datasheet
130Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFN40N110Q3 IXYS-IXFN40N110Q3 Datasheet
125Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXTH2N150 IXYS-IXTH2N150 Datasheet
146Kb / 4P
   N-Channel Enhancement Mode Fast Intrinsic Diode
IXTT12N150HV IXYS-IXTT12N150HV Datasheet
148Kb / 4P
   N-Channel Enhancement Mode Fast Intrinsic Diode
IXFR32N100Q3 IXYS-IXFR32N100Q3 Datasheet
147Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFR24N100Q3 IXYS-IXFR24N100Q3 Datasheet
148Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXTA4N150HV IXYS-IXTA4N150HV Datasheet
204Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Diode
IXTH1N250 IXYS-IXTH1N250 Datasheet
118Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com