Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK10651 Datasheet(PDF) 9 Page - TOKO, Inc

Part # TK10651
Description  LOW VOLTAGE COMPANDOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK10651 Datasheet(HTML) 9 Page - TOKO, Inc

Back Button TK10651 Datasheet HTML 4Page - TOKO, Inc TK10651 Datasheet HTML 5Page - TOKO, Inc TK10651 Datasheet HTML 6Page - TOKO, Inc TK10651 Datasheet HTML 7Page - TOKO, Inc TK10651 Datasheet HTML 8Page - TOKO, Inc TK10651 Datasheet HTML 9Page - TOKO, Inc TK10651 Datasheet HTML 10Page - TOKO, Inc TK10651 Datasheet HTML 11Page - TOKO, Inc TK10651 Datasheet HTML 12Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
January 2000 TOKO, Inc.
Page 9
TK10651
COMPRESSOR
By placing the data input pin following the compressor
circuit, a data signal can be transmitted without being
compressed. Audio from the microphone can be connected
directly to the IC, because it passes through the built-in
microphone amplifier (the gain is adjustable). Since there is
a built-in limiter to prevent overmodulation, it is not neces-
sary to add an external Instantaneous Deviation Control
(IDC) circuit; furthermore, a Low Pass Filter (LPF) up to the
third order can be constructed using the buffer amplifier.
When a data signal is being transmitted, the unneeded
audio can be cut by engaging the mute switch.
EXPANDER
A wide range of applications are made possible because all
of the input amplifier pins are accessible. A LPF of up to the
third order can be constructed at the input, and with an
external resistor, it can be used as an amplifier. If the data
out pin is used for the output, a data signal can be extracted
without passing through the expander. During data trans-
mission, the audio signal system can be inhibited by using
the mute switch.
APPLICATION INFORMATION
COMPRESSOR MICROPHONE AMPLIFIER
The input pin connects to the reference voltage through a
100 k
Ω bias resistor, therefore external bias is not neces-
sary. The microphone amplifier gain can be adjusted by
connecting an external resistor to NF pin 7. The gain is
highest when no resistor is added, and the standard input
level is 3 mV. When an external resistor of 9.1 k
Ω is added,
the standard input level is about a 10 mV; when the external
resistor value is 68 k
Ω, the standard input level is 30 mV.
The input can accommodate a variety of microphones by
adjusting the gain to match the microphone's output volt-
age.
The user should set the gain and input level so that the
output level at pin 3 is normally 300 mV (standard level).
8
+
-
51 k
3.3 k
7
COMP IN
COMP NF
100 k
VREF
~3 mV
8
+
-
7
51 k
3.3 k
9.1 k
COMP IN
100 k
VREF
COMP NF
~10 mV
7


Similar Part No. - TK10651

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK100A06N1 TOSHIBA-TK100A06N1 Datasheet
236Kb / 9P
   Switching Voltage Regulators
logo
Inchange Semiconductor ...
TK100A06N1 ISC-TK100A06N1 Datasheet
342Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
TK100A08N1 TOSHIBA-TK100A08N1 Datasheet
237Kb / 9P
   MOSFETs Silicon N-channel MOS (U-MOS-H)
TK100A10N1 TOSHIBA-TK100A10N1 Datasheet
237Kb / 9P
   MOSFETs Silicon N-channel MOS (U-MOS-H)
logo
Inchange Semiconductor ...
TK100A10N1 ISC-TK100A10N1 Datasheet
342Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - TK10651

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575 ONSEMI-SA575 Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
NXP Semiconductors
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
   Low power compandor
1997 Aug 14
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
   Low Power Compandor
December 1993
logo
ON Semiconductor
LA8630MC ONSEMI-LA8630MC Datasheet
197Kb / 8P
   Low Voltage and Current Dissipation Compandor IC
January 2016 - Rev. 0
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com