Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC3033KRC80 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # TMC3033KRC80
Description  Triple Video D/A Converter 10 bit, 80 Msps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3033KRC80 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button TMC3033KRC80 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC3033KRC80 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3033KRC80 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3033KRC80 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3033KRC80 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3033KRC80 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3033KRC80 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC3033KRC80 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC3033KRC80 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRODUCT SPECIFICATION
TMC3033
7
Operating Conditions
Electrical Characteristics
Notes:
1. Values shown in Typ column are typical for VDD = +3.3V and TA = 25
°C.
2. Minimum/Maximum values with VDD = Max and TA = Min.
3. VREF = 1.235V, RLOAD = 37.5
Ω, RREF = 572Ω
Parameter
Min
Nom
Max
Units
VDD
Power Supply Voltage
3.135
3.3
3.465
V
fS
Conversion Rate
TMC3033-30
30
Msps
TMC3033-50
50
Msps
TMC3033-80
80
Msps
tPWH
CLK Pulsewidth, HIGH
5.2
ns
tPWL
CLK Pulsewidth, LOW
5.2
ns
ts
Input Data Setup Time
3.6
ns
th
Input Date Hold Time
2
ns
VREF
Reference Voltage, External
1.0
1.235
1.5
V
CC
Compensation Capacitor
0.1
µF
RL
Output Load
37.5
VIH
Input Voltage, Logic HIGH
2.0
VDD
V
VIL
Input Voltage, Logic LOW
GND
0.8
V
TA
Ambient Temperature, Still Air
0
70
°C
Parameter
Conditions3
Min
Typ1
Max
Units
IDD
Power Supply Current2
VDD = Max
TMC3033-30
90
mA
TMC3033-50
95
TMC3033-80
132
PD
Total Power Dissipation2
VDD = Max
TMC3033-30
300
mW
TMC3033-50
315
TMC3033-80
435
RO
Output Resistance
100
k
CO
Output Capacitance
IOUT = 0mA
30
pF
IIH
Input Current, HIGH
VDD = Max, VIN = 2.4V
-1
µA
IIL
Input Current, LOW
VDD = Max, VIN = 0.4V
1
µA
IREF
VREF Input Bias Current
0
±100
µA
VREF
Reference Voltage Output
1.235
V
VOC
Output Compliance
Referred to VDD
-0.4
0
+1.5
V
CDI
Digital Input Capacitance
4
10
pF


Similar Part No. - TMC3033KRC80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC3033KRC80 FAIRCHILD-TMC3033KRC80 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
More results

Similar Description - TMC3033KRC80

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com