Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2250AKEC2 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # TMC2250AKEC2
Description  Matrix Multiplier 12 x 10 bit, 50 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2250AKEC2 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  TMC2250AKEC2 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2250AKEC2 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2250AKEC2 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2250AKEC2 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2250AKEC2 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2250AKEC2 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2250AKEC2 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2250AKEC2 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2250AKEC2 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
REV. 1.0.2 10/25/00
Features
• Four user-selectable filtering and transformation
functions:
– Triple dot product (3 x 3) matrix multiply
– Cascadeable 9-tap systolic FIR filter
– Cascadeable 3 x 3-pixel image convolver
– Cascadeable 4 x 2-pixel image convolver
• 50 MHz (20ns) pipelined throughput
• 12-bit input and output data, 10-bit coefficients
• 6-bit cascade input and output ports in all filter modes
• Onboard coefficient storage, with three-cycle updating of
all nine coefficients
Applications
• Image filtering and manipulation
• Video effects generation
• Video standards conversion and encoding/decoding
• Three-dimensional image manipulation
• Medical image processing
• Edge detection for object recognition
• FIR filtering for communications systems
Description
The TMC2250A is a flexible high-performance nine-multiplier
array VLSI circuit which can execute a cascadeable 9-tap
FIR filter, a cascadeable 4 x 2 or 3 x 3-pixel image convolu-
tion, or a 3 x 3 color space conversion. All configurations
offer throughput at up to the maximum guaranteed 50 MHz
clock rate with 12-bit data and 10-bit coefficients. All inputs
and outputs are registered on the rising edges of the clock.
The 3 x 3 matrix multiply or color conversion configuration
can perform video standard conversion (YIQ or YUV to
RGB, etc.) or three-dimensional perspective translation at
real-time video rates.
The 9-tap FIR filter configuration, useful in Video, Telecom-
munications, and Signal Processing, features a 16-bit cascade
input to allow construction of longer filters.
The cascadeable 3 x 3 and 4 x 2-pixel image convolver func-
tions allow the user to perform numerous image processing
functions, including static filters and edge detectors. The 16-bit
cascade input port facilitates two-chip 50 MHz cubic convo-
lution (4 x 4-pixel kernel).
The TMC2250A is fabricated in a sub-micron CMOS process
and operates at clock speeds of up to 50 MHz over the full
commercial (0°C to 70°C) temperature and supply voltage
ranges. It is available in 120-pin Plastic Pin Grid Array
(PPGA) packages, 120-lead Ceramic Pin Grid Array pack-
age (CPGA), 120-lead PQFP to PPGA package (MPGA) and
120-lead Plastic Quad FlatPack (PQFP). All input and output
signals are TTL compatible.
TMC2250A
Matrix Multiplier
12 x 10 bit, 50 MHz
www.cadeka.com


Similar Part No. - TMC2250AKEC2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2250AKEC2 FAIRCHILD-TMC2250AKEC2 Datasheet
186Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
More results

Similar Description - TMC2250AKEC2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2250A FAIRCHILD-TMC2250A Datasheet
186Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
   12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
   12-bit Cascadable Multiplier-Summer
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com