Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVS1-5L1-1Q1-2EO-4LL0-64 Datasheet(PDF) 9 Page - Emerson Network Power

Part # IVS1-5L1-1Q1-2EO-4LL0-64
Description  IVS1-5L1-1Q1-2EO-4LL0-10-A Up to 4920 Watts
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS1-5L1-1Q1-2EO-4LL0-64 Datasheet(HTML) 9 Page - Emerson Network Power

Back Button IVS1-5L1-1Q1-2EO-4LL0-64 Datasheet HTML 3Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-64 Datasheet HTML 4Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-64 Datasheet HTML 5Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-64 Datasheet HTML 6Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-64 Datasheet HTML 7Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-64 Datasheet HTML 8Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-64 Datasheet HTML 9Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-64 Datasheet HTML 10Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-64 Datasheet HTML 11Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Rev. 7.9.09_145
iVS Series
9 of 11
Embedded Power for
Business-Critical Continuity
279.4±1.0
63.5
DC OK
LED
5.0±0.5
293.0±1.2
127.0±0.5
12.0
57.4
33.5
13.5
AC OK
LED
FOR M4 SCREW (4X)
(FOR SYSTEM MOUNTING)
USB PROGRAMMING
CONNECTOR OPTION
I2C CONNECTOR
SELV CONTROL
CONNECTOR
171.5 (2X)
19.1 (2X)
GND
AC INPUT
CONNECTOR
171.5 (2X)
19.1 (2X)
L3
L2
L1
19.1 (2X)
171.5 (2X)
FOR M4 SCREW (4X)
(FOR SYSTEM MOUNTING)
FOR #8-32 SCREW (4X)
(SYSTEM MOUNTING)
29.1 (2X)
171.5 (2X)
FOR M4 SCREW (4X)
(FOR SYSTEM MOUNTING)
20.3±0.6
REVERSE AIRFLOW DIRECTION
NORMAL AIRFLOW DIRECTION
5-InchCaseSize:iVS6:5”x5”x11”(127mmx127mmx279.4mm)
Weight:iVS6Case:6.0lbs.•1500WSingle2.0lbs.
•750WSingle:1.6lbs.•360WSingle:1.0lb.
•210WSingle:0.6lb.•144WDual:0.6lb.
i
VSSeries
i
VS6(3210
WattsMax)
Notes
1. Input:Barriertype.FourM3screws(0.325”centers).Maxtorque:6in-lbs.(0.67N-m).
2. Controlconnectors:(J1)10positionhousing,goldplatedcontacts.MateswithMolex90142-0010housingwith90119-2110crimpcontacts(MolexC-GridIIISeries).
Connectorkitincludesmatingconnectorand10pins,Astecpart#70-841-004.(J2)10positionhousing(Landwin2051P1000T).Mateswithhousing2050S1000
(Landwin)with2053T011P(Landwin)pins.
3. Chassismaterial:aluminumwithchemicalfilmcoating(conductive).
4. Alldimensionsareinmillimetersandinches,andaretypical.
5. Customermounting-3sidesM4,bottomalsoincludes8-32mountingholes.Max.penetrationis0.155”(4.0mm).Max.torque:5in-lbs.(0.57N-m).
6. Outputmoduleconnections:AllsingleO/PmodulesareM4x8mmscrews.Max.torque:10in-lbs.(1.13N-m).
DualO/PmoduleisM3x8mmscrews.Max.torque:5in-lbs.(0.57N-m).
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240


Similar Part No. - IVS1-5L1-1Q1-2EO-4LL0-64

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
More results

Similar Description - IVS1-5L1-1Q1-2EO-4LL0-64

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
   Intelligent VS Power Up to 4920 Watts
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10_18 Datasheet
336Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com