Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11033MTL Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK11033MTL
Description  TEMPERATURE SENSOR IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11033MTL Datasheet(HTML) 2 Page - TOKO, Inc

  TK11033MTL Datasheet HTML 1Page - TOKO, Inc TK11033MTL Datasheet HTML 2Page - TOKO, Inc TK11033MTL Datasheet HTML 3Page - TOKO, Inc TK11033MTL Datasheet HTML 4Page - TOKO, Inc TK11033MTL Datasheet HTML 5Page - TOKO, Inc TK11033MTL Datasheet HTML 6Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
January 1999 TOKO, Inc.
TK11033
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
O
T
A
C
°
5
2
=0
6
7
4
.
10
1
9
4
.
10
6
0
5
.
1V
T
A
C
°
5
8
=5
5
7
7
.
15
5
9
7
.
15
5
1
8
.
1V
T
A
C
°
0
3
-
=5
7
1
2
.
1V
T
C
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TT
A
C
°
5
8
o
t
C
°
5
2
=5
7
6
.
45
7
0
.
55
7
4
.
5C
°
/
V
m
g
e
R
e
n
i
Ln
o
i
t
a
l
u
g
e
R
e
n
i
LV
C
C
V
0
1
o
t
3
=0
1
-5
.
20
1V
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
LI
T
U
O
A
µ
0
0
4
o
t
0
=3
0
2V
m
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
5
80
5
1A
µ
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
∆V
T
U
O
V
m
0
2
0
0
4A
µ
I
)
Y
B
T
S
(
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
y
b
d
n
a
t
SV
T
N
O
C
V
6
.
01
A
µ
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
N
I
M
R
E
T
L
O
R
T
N
O
C
V
)
N
O
(
T
N
O
C
)
N
O
(
e
g
a
t
l
o
V
l
o
r
t
n
o
CV
T
U
O
N
O
t
u
p
t
u
O
,
V
0
6
0
5
.
1
o
t
0
6
7
4
.
1
=8
.
14
.
2V
C
C
V
V
)
F
F
O
(
T
N
O
C
)
F
F
O
(
e
g
a
t
l
o
V
l
o
r
t
n
o
CV
T
U
O
F
F
O
t
u
p
t
u
O
,
V
1
.
0D
N
G6
.
0V
I
T
N
O
C
t
n
e
r
r
u
C
l
o
r
t
n
o
C
5
.
45
.
7A
µ
Supply Voltage ......................................................... 12 V
Operating Voltage .......................................... 2.4 to 10 V
Power Dissipation (Note 1) ................................ 150 mW
Junction Temperature ........................................... 150
°C
ABSOLUTE MAXIMUM RATINGS
TK11033 ELECTRICAL CHARACTERISTICS
Test Conditions: V
CC = 3.0 V, VCONT = 2.4 V, IOUT = 0 µA, TA = 25 °C, unless otherwise specified.
Note 1: Power dissipation is 150 mW when mounted as recommended. Derate at 1.2 mW/
°C for operation above 25 °C.
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................. -30 to +105
°C
Lead Soldering Temperature (10 s) ...................... 235
°C


Similar Part No. - TK11033MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11032 TOKO-TK11032 Datasheet
40Kb / 6P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11033MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
logo
TOKO, Inc
K11044 TOKO-K11044 Datasheet
37Kb / 5P
   TEMPERATURE SENSOR IC
TK11041 TOKO-TK11041 Datasheet
32Kb / 4P
   TEMPERATURE SENSOR IC
logo
List of Unclassifed Man...
STS21 ETC2-STS21 Datasheet
523Kb / 12P
   Temperature Sensor IC
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11032 TOKO-TK11032 Datasheet
40Kb / 6P
   TEMPERATURE SENSOR IC
TK11042 TOKO-TK11042 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11043 TOKO-TK11043 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com