Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVS1-5L1-1Q1-2EO-4LL0-19 Datasheet(PDF) 6 Page - Emerson Network Power

Part # IVS1-5L1-1Q1-2EO-4LL0-19
Description  IVS1-5L1-1Q1-2EO-4LL0-10-A Up to 4920 Watts
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS1-5L1-1Q1-2EO-4LL0-19 Datasheet(HTML) 6 Page - Emerson Network Power

Back Button IVS1-5L1-1Q1-2EO-4LL0-19 Datasheet HTML 2Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-19 Datasheet HTML 3Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-19 Datasheet HTML 4Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-19 Datasheet HTML 5Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-19 Datasheet HTML 6Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-19 Datasheet HTML 7Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-19 Datasheet HTML 8Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-19 Datasheet HTML 9Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-19 Datasheet HTML 10Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev. 7.9.09_145
iVS Series
 of 11
Embedded Power for
Business-Critical Continuity
DC-DCConverterOutputModules
ControlSignalInformation,J1ControlConnector
PinNo.
Function
1
+RemoteSense
singleordualo/pmain
2
RemoteMargin/V.Program singleo/p
3
MarginHigh
singleo/p
4
-RemoteSense/MarginLow singleordualo/pmain
5
Spare
6
Module,IsolatedInhibit
singleordualo/p
7
ModuleInhibitreturn
singleordualo/p
8
CurrentShare(SWP)
singleordualo/pmain
9
+RemoteSenseV2
dualo/p,singleisspare
10
-RemoteSenseV2
dualo/p,singleisspare
*Note:AlliMPmoduleshaveagreenDCOKLED.
(exceptfor36Wmodule)
.63”
(16.0)
.32”
(8.1)
.33”
(8.5)
V ADJ
V-
V+
M 4 X 8 SCREWS WITH
CONICAL WASHER
DC OUTPUT CONNECTOR
PIN 1
.32"
(8.1)
.44” (11.2)
2X
V+
M4X8 SCREWS WITH CONICAL WASHER
DC OUTPUT CONNECTOR
PIN 1
V-
V ADJ
PIN 1
V2 ADJ
.32
(8.1)
.42 (10.7)
V1 +
V1 -
V2 +
M3X8 SCREWS WITH SPRING WASHER
(4X)
.46 (11.7)
(4X)
.30 (7.5)(3X)
V1 ADJ
1.17 (29.7)
V2 -
Single210Watt
Dual144Watt
Single360Watt
Single750Watt
i
MP Modules
Triple36Watt
V1 ADJ
V2 ADJ
V3 ADJ
V1+
V3+
V1-
V2+
V2-
V3-
.32"
(8.1)
.59"
(15.0)
.63"
(16.0)
V+
V-
M4X8
SC
REWS
(4X)
V ADJ
PIN
1
DC
OUTP
UT
CONNE
CTOR
Figure 1. AC Input
1
2
3
~
N
6
1
10
5
Figure 2. Connector J1
Mateswith
Molex90142-0010Housing
90119-2110Pin
Figure 4. Connector J1
V1 +
V1 -
V2 -
V3 -
V3 +
V2 +
Mateswith
Molex09-91-0600Housing
26-60-5060Pin
Single1500Watt
V-
V+
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240


Similar Part No. - IVS1-5L1-1Q1-2EO-4LL0-19

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
More results

Similar Description - IVS1-5L1-1Q1-2EO-4LL0-19

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
   Intelligent VS Power Up to 4920 Watts
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10_18 Datasheet
336Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com