Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR92ALT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BFR92ALT1
Description  RF TRANSISTORS NPN SILICON
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BFR92ALT1 Datasheet(HTML) 1 Page - Motorola, Inc

  BFR92ALT1 Datasheet HTML 1Page - Motorola, Inc BFR92ALT1 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
BFR92ALT1
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
High-Frequency Transistors
Designed primarily for use in high–gain, low–noise, small–signal UHF and
microwave amplifiers constructed with thick and thin–film circuits using surface
mount components.
• T1 suffix indicates tape and reel packaging of 3,000 units per reel.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
15
Vdc
Collector–Base Voltage
VCBO
20
Vdc
Emitter–Base Voltage
VEBO
2.0
Vdc
Collector Current — Continuous
IC
25
mAdc
Maximum Junction Temperature
TJmax
150
°C
Power Dissipation, Tcase = 75°C
Derate linearly above Tcase = 75°C @
PD(max)
0.273
3.64
W
mW/
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Storage Temperature
Tstg
– 55 to +150
°C
Thermal Resistance Junction to Case
R
θJC
275
°C/W
DEVICE MARKING
BFR92ALT1 = P2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (1)
(IC = 10 mA)
V(BR)CEO
15
Vdc
Collector–Base Breakdown Voltage
(IC = 100 µA)
V(BR)CBO
20
Vdc
Emitter–Base Breakdown Voltage
(IC = 100 µA)
V(BR)EBO
2.0
Vdc
Collector Cutoff Current
(VCB = 10 V)
ICBO
50
nA
ON CHARACTERISTICS
DC Current Gain
(IC = 14 mA, VCE = 10 V)
hFE
40
Collector–Emitter Saturation Voltage (1)
(IC = 25 mA, IB = 5.0 mA)
VCE(sat)
0.5
Vdc
Base–Emitter Saturation Voltage (1)
(IC = 25 mA, IB = 5.0 mA)
VBE(sat)
1.2
Vdc
NOTE:
(continued)
1. Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%.
Order this document
by BFR92ALT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BFR92ALT1
RF TRANSISTORS
NPN SILICON
CASE 318–08, STYLE 6
SOT–23
LOW PROFILE
© Motorola, Inc. 1995
REV 7


Similar Part No. - BFR92ALT1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
BFR92ALT1 MICROSEMI-BFR92ALT1 Datasheet
325Kb / 1P
   RF & MICROWAVE TRANSISTORS
More results

Similar Description - BFR92ALT1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF362 SIEMENS-BF362 Datasheet
34Kb / 2P
   NPN SILICON RF TRANSISTORS
logo
Motorola, Inc
BFR93ALT1 MOTOROLA-BFR93ALT1 Datasheet
54Kb / 2P
   RF TRANSISTORS NPN SILICON
logo
Central Semiconductor C...
BFX89 CENTRAL-BFX89 Datasheet
167Kb / 2P
   NPN SILICON RF TRANSISTORS
MPSH10 CENTRAL-MPSH10_15 Datasheet
328Kb / 2P
   SILICON NPN RF TRANSISTORS
logo
Siemens Semiconductor G...
BF457 SIEMENS-BF457 Datasheet
122Kb / 4P
   NPN SILICON RF TRANSISTORS
logo
New Jersey Semi-Conduct...
BF254 NJSEMI-BF254 Datasheet
120Kb / 2P
   NPN Silicon RF Transistors
logo
Central Semiconductor C...
2N2857 CENTRAL-2N2857_15 Datasheet
552Kb / 2P
   NPN SILICON RF TRANSISTORS
logo
Zetex Semiconductors
BFS17L ZETEX-BFS17L Datasheet
44Kb / 2P
   NPN SILICON PLANAR RF TRANSISTORS
logo
Motorola, Inc
MRF1946 MOTOROLA-MRF1946 Datasheet
141Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com