Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11041M Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK11041M
Description  TEMPERATURE SENSOR IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11041M Datasheet(HTML) 1 Page - TOKO, Inc

  TK11041M Datasheet HTML 1Page - TOKO, Inc TK11041M Datasheet HTML 2Page - TOKO, Inc TK11041M Datasheet HTML 3Page - TOKO, Inc TK11041M Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
January 1999 TOKO, Inc.
Page 1
TK11041
TEMPERATURE SENSOR IC
DESCRIPTION
The TK11041 is a temperature sensor IC with a linear
output of 10 mV/
°C over the range of -30 to + 105 °C. Its
wide operating voltage range of 4.5 to 10.0 V makes it
suitable for a number of applications requiring accurate
temperature control, such as electronic thermostats for
climate control, refrigerators, and industrial process
controls.
A typical application is to make a digital representation of
temperature with an A/D converter, or to make a thermal
detector with a comparator.
The TK11041 has a compensation pin for a 0.1
µF capacitor
that ensures stability over the IC's operating temperature
range.
The TK11041 is available in a miniature SOT-25 surface
mount package.
FEATURES
s Linear Output Voltage 10 mV/
°C Output
s 4.5 to 10.0 V Supply Range
s Miniature Package (SOT-25)
s Minimum External Parts Count
s Low Power Consumption
BLOCK DIAGRAM
ORDERING INFORMATION
TAPE/REEL CODE
TL: Tape Left
Tape/Reel Code
TK11041M-1
VCC
VOUT
X1
APPLICATIONS
s Home and Industrial Thermostats
s Automotive Climate Control
s Battery Charger Temperature Monitor
s Notebook Computer Temperature Monitor
s Electronic Thermometers
s Fish Finder Water Temperature
s Industrial Process Controllers
s Home Appliance Temperature Control
TK11041
01S
Note: Connect pin 2 to GND
HS
VCC
NC
GND
VOUT


Similar Part No. - TK11041M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11042 TOKO-TK11042 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11042M TOKO-TK11042M Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11042M-1 TOKO-TK11042M-1 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11042MTL TOKO-TK11042MTL Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11042MTL/42C TOKO-TK11042MTL/42C Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11041M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
logo
TOKO, Inc
TK11033 TOKO-TK11033 Datasheet
41Kb / 6P
   TEMPERATURE SENSOR IC
K11044 TOKO-K11044 Datasheet
37Kb / 5P
   TEMPERATURE SENSOR IC
logo
List of Unclassifed Man...
STS21 ETC2-STS21 Datasheet
523Kb / 12P
   Temperature Sensor IC
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11032 TOKO-TK11032 Datasheet
40Kb / 6P
   TEMPERATURE SENSOR IC
TK11042 TOKO-TK11042 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11043 TOKO-TK11043 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com