Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11041MTL Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK11041MTL
Description  TEMPERATURE SENSOR IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11041MTL Datasheet(HTML) 2 Page - TOKO, Inc

  TK11041MTL Datasheet HTML 1Page - TOKO, Inc TK11041MTL Datasheet HTML 2Page - TOKO, Inc TK11041MTL Datasheet HTML 3Page - TOKO, Inc TK11041MTL Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
January 1999 TOKO, Inc.
TK11041
AMBIENT TEMPERATURE (
°C)
-20
0 25 50
85 105
2.53
2.73
2.98
3.23
3.58
3.78
Supply Voltage ......................................................... 12 V
Operating Voltage .......................................... 4.5 to 10 V
Power Dissipation (Note 1) ................................ 150 mW
Junction Temperature ........................................... 150
°C
ABSOLUTE MAXIMUM RATINGS
TK11041 ELECTRICAL CHARACTERISTICS
Test Conditions: V
CC = 5.0 V, IOUT = 0 µA, TA = 25 °C, unless otherwise specified.
Note 1: Power dissipation is 150 mW when mounted as recommended. Derate at 1.2 mW/
°C for operation above 25 °C.
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................. -30 to +105
°C
Lead Soldering Temperature (10 s) ...................... 235
°C
FIGURE 1. OUTPUT CHARACTERISTICS
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
O
T
A
C
°
5
2
=2
5
9
.
22
8
9
.
22
1
0
.
3V
T
A
C
°
5
8
=3
4
5
.
33
8
5
.
33
2
6
.
3V
T
A
C
°
0
3
-
=1
3
4
.
2V
T
C
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TT
A
C
°
5
8
o
t
C
°
5
2
=2
.
92
0
.
0
18
.
0
1C
°
/
V
m
g
e
R
e
n
i
Ln
o
i
t
a
l
u
g
e
R
e
n
i
LV
C
C
V
0
1
o
t
5
=5
1
-2
5
1V
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
LI
T
U
O
A
µ
0
0
1
o
t
0
=0
2
5
1V
m
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
ST
A
C
°
5
2
=0
1
10
8
1A
µ
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
∆V
T
U
O
V
m
0
2
0
0
4A
µ


Similar Part No. - TK11041MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11042 TOKO-TK11042 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11042M TOKO-TK11042M Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11042M-1 TOKO-TK11042M-1 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11042MTL TOKO-TK11042MTL Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11042MTL/42C TOKO-TK11042MTL/42C Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11041MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
logo
TOKO, Inc
TK11033 TOKO-TK11033 Datasheet
41Kb / 6P
   TEMPERATURE SENSOR IC
K11044 TOKO-K11044 Datasheet
37Kb / 5P
   TEMPERATURE SENSOR IC
logo
List of Unclassifed Man...
STS21 ETC2-STS21 Datasheet
523Kb / 12P
   Temperature Sensor IC
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11032 TOKO-TK11032 Datasheet
40Kb / 6P
   TEMPERATURE SENSOR IC
TK11042 TOKO-TK11042 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11043 TOKO-TK11043 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com