Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2834 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2834
Description  40 MHz differential notch filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2834 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2834 Datasheet HTML 1Page - KR Electronics, Inc. 2834 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2008, KR Electronics, Inc.
NOTES:
1. FILTER IS BI-DIRECTIONAL
2. ALL PINS ARE 0.030” DIA
3. DIMENSIONS ARE IN INCHES
Pin 1—IN
Pin 8—IN
Pin 4– OUT
Pin 5– OUT
Connect all remaining pins to GND (also connected to Case)
Parameter
Specification
Filter type
Notch
Notch Frequency
40 MHz
Attenuation at 30 MHz & 52 MHz
< 3 dB
Attenuation at 40 MHz
> 40 dB
Source and Load
100
Ω Differential
KR Electronics 2834
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax


Similar Part No. - 2834

ManufacturerPart #DatasheetDescription
logo
Heyco.
2834 HEYCO-2834 Datasheet
102Kb / 1P
   Shorty Bushings
logo
Alpha Wire
2834/2 ALPHAWIRE-2834/2 Datasheet
98Kb / 4P
   Customer Specification
12/13/2022
logo
TE Connectivity Ltd
2834006-1 TEC-2834006-1 Datasheet
678Kb / 5P
   ECR-15-016620,ADD PCB LAYOUT
2834006-3 TEC-2834006-3 Datasheet
678Kb / 5P
   ECR-15-016620,ADD PCB LAYOUT
2834006-4 TEC-2834006-4 Datasheet
678Kb / 5P
   ECR-15-016620,ADD PCB LAYOUT
More results

Similar Description - 2834

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2787-2 KR-2787-2 Datasheet
59Kb / 2P
   84.2 MHz differential notch filter
2835 KR-2835 Datasheet
59Kb / 2P
   85 MHz differential notch filter
2787-1 KR-2787-1 Datasheet
60Kb / 2P
   64.2 MHz differential notch filter
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
   160 MHz Notch Filter
logo
TriQuint Semiconductor
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
   782 MHz Notch Filter
logo
KR Electronics, Inc.
3168-1435 KR-3168-1435 Datasheet
81Kb / 3P
   1435 MHz Notch Filter
logo
TriQuint Semiconductor
857031 TRIQUINT-857031_15 Datasheet
644Kb / 7P
   826 MHz Notch Filter
857061 TRIQUINT-857061_15 Datasheet
624Kb / 6P
   782 MHz Notch Filter
logo
KR Electronics, Inc.
2606-SMA KR-2606-SMA Datasheet
93Kb / 3P
   5 MHz Notch Filter
3168-1795 KR-3168-1795 Datasheet
84Kb / 3P
   1795 MHz Notch Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com