Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2852 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2852
Description  250 KHz elliptic type lowass filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2852 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2852 Datasheet HTML 1Page - KR Electronics, Inc. 2852 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2008, KR Electronics, Inc.
Parameter
Specification
Filter type
Lowpass
End of Passband <3 dB
250 KHz
Start of Stopband >50 dB
350 KHz
Source and Load
200
Passband Phase Matching Available
KR Electronics 2852
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Dimensions in inches
Metal Case


Similar Part No. - 2852

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
2852 BURKERT-2852 Datasheet
814Kb / 10P
   2-way proportional valve with pressure relief
20.02.2024
logo
PHOENIX CONTACT
2852353 PHOENIX-2852353 Datasheet
83Kb / 4P
   Relay connectors - ST-REL4-KG 24/ 1- 1
logo
List of Unclassifed Man...
28526 ETC2-28526 Datasheet
33Kb / 3P
   28 AWG stranded (7x36) TC conductors, Datalene insulation
28527 ETC2-28527 Datasheet
104Kb / 1P
   Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2852777 PHOENIX-2852777 Datasheet
84Kb / 4P
   Relay connectors - ST-REL4-KG120/ 1- 1
More results

Similar Description - 2852

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2275-1.5 KR-2275-1.5 Datasheet
51Kb / 3P
   KR 2275-1.5 is a 150 KHz elliptic type lowpass filter
3072 KR-3072 Datasheet
37Kb / 2P
   100 KHz Highpass Filter Elliptic Type 40 dB min Rejection at 80 KHz SMA Connectors
2275-1.5-BNC KR-2275-1.5-BNC Datasheet
148Kb / 3P
   KR 2275-1.5-BNC is a 150 KHz elliptic type lowpass filter
2914 KR-2914 Datasheet
62Kb / 2P
   450 MHz elliptic type lowpass filter
logo
Integrated Circuit Syst...
SF0140CF51900T ICST-SF0140CF51900T Datasheet
190Kb / 2P
   140 MHz Filter 250 kHz Bandwidth
logo
API Technologies Corp
SF0070CF51541T APITECH-SF0070CF51541T Datasheet
193Kb / 2P
   70 MHz Filter 250 kHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51541T ICST-SF0070CF51541T Datasheet
189Kb / 2P
   70 MHz Filter 250 kHz Bandwidth
logo
National Semiconductor ...
LMF90 NSC-LMF90 Datasheet
411Kb / 22P
   4th-Order Elliptic Notch Filter
logo
KR Electronics, Inc.
2839 KR-2839 Datasheet
59Kb / 3P
   25 MHz elliptic bandpass filter
3373-250-SMA KR-3373-250-SMA Datasheet
111Kb / 2P
   KR Electronics 3373-250-SMA is a 250 KHz notch filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com