Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2861 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2861
Description  2.075 MHz bandpass filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2861 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2861 Datasheet HTML 1Page - KR Electronics, Inc. 2861 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
Cor
Avg
15
CH2
S31
DEL
500 ns/
REF 10 us
START
2 . 050
000
MHz
STOP
2 . 100
000
MHz
Cor
Avg
15
Smo
25 Sep 2008 13:18:31
CH1
S31
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
10 . 000
000
MHz
Cor
25 Sep 2008 13:24:01
KR Electronics
KR 2861 is a 2.075 MHz bandpass filter. The filter has a mini-
mum 1 dB bandwidth of 50 KHz. Other passband frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
2.075 MHz Center Frequency
50 KHz min 1 dB Bandwidth
SMA Connectors
50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 usec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2861

ManufacturerPart #DatasheetDescription
logo
Heyco.
2861 HEYCO-2861 Datasheet
113Kb / 1P
   Shorty Universal Bushings
logo
Christian Bürkert GmbH ...
2861 BURKERT-2861 Datasheet
1Mb / 12P
   Direct-acting 2-way basic proportional valve
02.09.2021
logo
Fair-Rite Products Corp...
2861000102 FAIR-RITE-2861000102 Datasheet
603Kb / 2P
   Multi- Aperture cores
2861000202 FAIR-RITE-2861000202 Datasheet
604Kb / 2P
   Multi- Aperture cores
2861000302 FAIR-RITE-2861000302 Datasheet
603Kb / 2P
   Multi- Aperture cores
More results

Similar Description - 2861

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
855780 TRIQUINT-855780 Datasheet
49Kb / 1P
   199 MHz Bandpass Filter
855832 TRIQUINT-855832 Datasheet
63Kb / 1P
   230 MHz Bandpass Filter
855559 TRIQUINT-855559 Datasheet
58Kb / 1P
   398 MHz Bandpass Filter
855590 TRIQUINT-855590 Datasheet
66Kb / 1P
   201 MHz Bandpass Filter
855845 TRIQUINT-855845 Datasheet
53Kb / 1P
   85.380 MHz Bandpass Filter
854657 TRIQUINT-854657 Datasheet
46Kb / 1P
   70 MHz Bandpass filter
logo
Dielectric Laboratories...
AFL05235 DILABS-AFL05235 Datasheet
555Kb / 3P
   1575 MHz Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com