Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11123S Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK11123S
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11123S Datasheet(HTML) 1 Page - TOKO, Inc

  TK11123S Datasheet HTML 1Page - TOKO, Inc TK11123S Datasheet HTML 2Page - TOKO, Inc TK11123S Datasheet HTML 3Page - TOKO, Inc TK11123S Datasheet HTML 4Page - TOKO, Inc TK11123S Datasheet HTML 5Page - TOKO, Inc TK11123S Datasheet HTML 6Page - TOKO, Inc TK11123S Datasheet HTML 7Page - TOKO, Inc TK11123S Datasheet HTML 8Page - TOKO, Inc TK11123S Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 1999 TOKO, Inc.
Page 1
TK111xxS
FEATURES
s High Voltage Precision at
± 2.0% or ± 60 mV
s Active High On/Off Control
s Very Low Dropout Voltage (85 mV at 30 mA)
s Very Low Noise
s Miniature Package (SOT-23-5)
s Internal Thermal Shutdown
s Short Circuit Protection
s Excellent Ripple Rejection (70 dB @ 1 kHz)
s Reverse Bias Protection
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s Personal Communications Equipment
s Portable Instrumentation
s Portable Consumer Equipment
s Radio Control Systems
s Toys
BLOCK DIAGRAM
TK111xxS
DESCRIPTION
The TK111xxS is a low dropout linear regulator with a built-
in electronic switch. The internal switch can be controlled
by TTL or CMOS logic levels. The device is in the “on” state
when the control pin is pulled to a logic high level. An
external capacitor can be connected to the noise bypass
pin to lower the output noise level to 30
µVrms.
An internal PNP pass transistor is used to achieve a low
dropout voltage of 85 mV (typ.) at 30 mA load current. The
TK111xxS has a very low quiescent current of 140
µA
(typ.) at no load . The standby current is 100 nA maximum.
The internal thermal shut down circuitry limits the junction
temperature to below 150
°C. The load current is internally
monitored and the device will shut down in the presence of
a short circuit or overcurrent condition at the output.
The TK111xxS is available in a miniature SOT-23-5 surface
mount package.
TK111
S L
ORDERING INFORMATION
TAPE/REEL CODE
L: Tape Left
PACKAGE CODE
S: SOT-23-5
Tape/Reel Code
Voltage Code
VOLTAGE CODE
20 = 2.0 V
32 = 3.2 V
43 = 4.3 V
21 = 2.1 V
33 = 3.3 V
44 = 4.4 V
22 = 2.2 V
34 = 3.4 V
45 = 4.5 V
23 = 2.3 V
35 = 3.5 V
46 = 4.6 V
24 = 2.4 V
36 = 3.6 V
47 = 4.7 V
25 = 2.5 V
37 = 3.7 V
48 = 4.8 V
27 = 2.7 V
38 = 3.8 V
49 = 4.9 V
28 = 2.8 V
39 = 3.9 V
50 = 5.0 V
29 = 2.9 V
40 = 4.0 V
30 = 3.0 V
41 = 4.1 V
31 = 3.1 V
42 = 4.2 V
Package Code
Temp. Code
Note 1: 2.0 to 2.3 V
available in C
temperature code
(-30 to +80
°C) only
TEMP. CODE
C: -30 to +80
°C
I: -40 to +85
°C
20P
GND
CONTROL
VOUT
VIN
NOISE BYPASS
NOISE
BYPASS
VIN
VOUT
THERMAL
PROTECTION
BANDGAP
REFERENCE
CONTROL
GND
5
VOLTAGE REGULATOR WITH ON/OFF SWITCH


Similar Part No. - TK11123S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11123M TOKO-TK11123M Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11123MCL TOKO-TK11123MCL Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11123MIL TOKO-TK11123MIL Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11123S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com