Electronic Components Datasheet Search |
|
TK11324B Datasheet(PDF) 11 Page - TOKO, Inc |
|
TK11324B Datasheet(HTML) 11 Page - TOKO, Inc |
11 / 13 page May, 1997 TOKO, Inc. Page 11 TK113xxB PACKAGE POWER DISSIPATION (P D) This is the power dissipation level at which the thermal sensor is activated. The IC contains an internal thermal sensor which monitors the junction temperature. When the junction temperature exceeds the monitor threshold of 150 °C, the IC is shutdown. The junction temperature rises as the difference between the input power (V IN X IIN) and the output power (V OUT X IOUT) increases. The rate of temperature rise is greatly affected by the mounting pad configuration on the PCB, the board material, and the ambient temperature. When the IC mounting has good thermal conductivity, the junction temperature will be low even if the power dissipation is great. When mounted on the recommended mounting pad, the power dissipation of the SOT-23L is increased to 600 mW. For operation at ambient temperatures over 25 °C, the power dissipation of the SOT-23L device should be derated at 4.8 mW/ °C. The power dissipation of the SOT-89-5 package is 900 mW when mounted as recommended. Derate the power dissipation at 7.2 mW/ °C for operation above 25 °C. To determine the power dissipation for shutdown when mounted, attach the device on the actual PCB and deliberately increase the output current (or raise the input voltage) until the thermal protection circuit is activated. Calculate the power dissipation of the device by subtracting the output power from the input power. These measurements should allow for the ambient temperature of the PCB. The value obtained from PD/(150 °C - T A) is the derating factor. The PCB mounting pad should provide maximum thermal conductivity in order to maintain low device temperatures. As a general rule, the lower the temperature, the better the reliability of the device. The Thermal resistance when mounted is expressed as follows: T J = 0JA X PD + TA For Toko ICs, the internal limit for junction temperature is 150 °C. If the ambient temperature, T A is 25 °C, then: 150 °C = 0 JA X PD + 25 °C 0 JA X PD = 125 °C 0 JA = 125 °C/ PD P D is the value when the thermal sensor is activated. A simple way to determine PD is to calculate VIN X IIN when the output side is shorted. Input current gradually falls as temperature rises. You should use the value when thermal equilibrium is reached. The range of currents usable can also be found from the graph below. Procedure: 1.) Find P D 2.) P D1 is taken to be PD X (≈0.8 ~ 0.9) 3.) Plot P D1 against 25 °C 4.) Connect P D1 to the point corresponding to the 150 °C with a straight line. 5.) In design, take a vertical line from the maximum operating temperature (e.g. 75 °C) to the derating curve. 6.) Read off the value of P D against the point at which the vertical line intersects the derating curve. This is taken as the maximum power dissipation, D PD. DEFINITION AND EXPLANATION OF TECHNICAL TERMS (CONT.) PD Dpd 25 50 75 150 (mW) T (°C) 3 6 5 4 |
Similar Part No. - TK11324B |
|
Similar Description - TK11324B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |