Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-7650 Datasheet(PDF) 7 Page - BOSER Technology Co., Ltd

Part # HS-7650
Description  Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7650 Datasheet(HTML) 7 Page - BOSER Technology Co., Ltd

Back Button HS-7650 Datasheet HTML 3Page - BOSER Technology Co., Ltd HS-7650 Datasheet HTML 4Page - BOSER Technology Co., Ltd HS-7650 Datasheet HTML 5Page - BOSER Technology Co., Ltd HS-7650 Datasheet HTML 6Page - BOSER Technology Co., Ltd HS-7650 Datasheet HTML 7Page - BOSER Technology Co., Ltd HS-7650 Datasheet HTML 8Page - BOSER Technology Co., Ltd HS-7650 Datasheet HTML 9Page - BOSER Technology Co., Ltd HS-7650 Datasheet HTML 10Page - BOSER Technology Co., Ltd HS-7650 Datasheet HTML 11Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
1
Chapter 1
General Description
HS-7250 Series
HS-7650 Series
The HS-7250/HS-7650 are an Intel® 852GME GMCH/ICH4 and
HS-7250M/HS-7650M
are
an
Intel®
852GM
GMCH/ICH4
chipset-based board designed. The HS-7250/HS-7650 series is ideal
all-in-one embedded engine board. Additional features include an
enhanced I/O with CF, DVI-I/CRT/LVDS, dual LAN, audio, COM, and
USB2.0 interfaces.
Its onboard ATA/33/66/100 to IDE drive interface architecture allows
the HS-7250/HS-7650 series to support data transfers of 33, 66 or
100MB/sec. to one IDE drive connection. The HS-7250/HS-7650
supports Intel® Pentium® M/Celeron® M processor 1.3~2.0GHz, and
HS-7250M/HS-7650M supports ULV Intel® Celeron® M processor
600MHz/512K.
The display controller is Intel® 852GME (HS-7250/HS-7650)/852GM
(HS-7250M/HS-7650M) with 8MB shared main memory supporting
CRT display or CHRONTEL 7301 for DVI-I display, supporting up to
1600 x 1200. It also provides 18-bit single channel/36-bit dual channel
LVDS interface.
System memory is also sufficient with the one DDR socket that can
support up to 1GB. It also provides one IDE interface Type I/II CF card
adapter.
Additional onboard connectors include two internal and one external
USB2.0 ports providing faster data transmission. And dual external
RJ-45 connectors for 10/100 Based Ethernet use.


Similar Part No. - HS-7650

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-7001 BOSER-HS-7001 Datasheet
4Mb / 92P
   PGA 478 Pentium짰 4 Industrial Single Board Computer
logo
List of Unclassifed Man...
HS-7002 ETC-HS-7002 Datasheet
182Kb / 1P
   PICMG BUS SINGLE BOARD COMPUTER
logo
BOSER Technology Co., L...
HS-7002 BOSER-HS-7002 Datasheet
2Mb / 78P
   800MHz FSB Pentium짰 4 Industrial Single Board Computer
HS-7006 BOSER-HS-7006 Datasheet
90Kb / 1P
   Intel Atom N270 processor PICMG1.0 Full-size SBC w/CF
HS-7006DVI-I BOSER-HS-7006DVI-I Datasheet
90Kb / 1P
   Intel Atom N270 processor PICMG1.0 Full-size SBC w/CF
More results

Similar Description - HS-7650

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-7238 BOSER-HS-7238_1 Datasheet
3Mb / 74P
   Intel짰 Pentium짰 4 processor PCI-ISA Bus Single Board Computer
HS-7239 BOSER-HS-7239 Datasheet
5Mb / 84P
   Pentium짰 M/ Celeron짰 M PCI-ISA Bus Industrial Single Board Computer
HS-7238S BOSER-HS-7238S_1 Datasheet
3Mb / 88P
   Pentium짰 4 PCI-ISA Bus Industrial Single Board Computer
logo
Advantech Co., Ltd.
ARK-5280 ADVANTECH-ARK-5280 Datasheet
410Kb / 2P
   Fanless, Intel짰 Pentium짰 M Embedded Box IPC, with PCI/ISA Expansion
logo
AAEON Technology
COM-915A AAEON-COM-915A Datasheet
374Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
COM-915 AAEON-COM-915 Datasheet
300Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
ETX-821 AAEON-ETX-821 Datasheet
209Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
ETX-855 AAEON-ETX-855 Datasheet
214Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
logo
List of Unclassifed Man...
TPC-1270H ETC2-TPC-1270H Datasheet
393Kb / 2P
   Intel짰 Pentium짰 M/Celeron짰 M Touch Panel Computer with 12.1
logo
AAEON Technology
PCM-8200 AAEON-PCM-8200 Datasheet
691Kb / 1P
   Supports Socket 478 Intel짰 Pentium짰 M/ Celeron짰 M Processors, Onboard Low Voltage Intel짰 Pentium짰 M Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com