Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLB03-221-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MLB03-221-RC
Description  Multilayer Ferrite Bead s
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLB03-221-RC Datasheet(HTML) 1 Page - Allied Components International

  MLB03-221-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multilayer Ferrite Beads
MLB03
All specifications subject to change without notice.
MLB03-060-RC
MLB03-100-RC
MLB03-400-RC
MLB03-800-RC
MLB03-121-RC
MLB03-241-RC
MLB03-481-RC
MLB03-601-RC
Allied
Part
Number
Impedance (
Ω)
@ 100 MHz
+/- 25%
DC
Resistance
(
Ω) Max.
*Rated
Current
(mA)
6
10
40
80
120
240
480
600
0.05
0.05
0.30
0.40
0.50
0.50
0.80
1.00
500
500
300
300
300
300
300
300
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.039±0.004
(1.0±0.10)
0.020±0.004
(0.50±0.10)
0.020±0.004
(0.50±0.10)
0.010±0.004
(0.25±0.10)
0.016
(0.40)
0.016
(0.40)
0.018
(0.46)
MLB03-102-RC
MLB03-152-RC
1000
1500
1.50
2.00
100
60
RoHS
MLB03-300-RC
MLB03-330-RC
30
33
0.30
0.30
300
300
MLB03-470-RC
MLB03-600-RC
MLB03-700-RC
MLB03-750-RC
47
60
70
75
0.40
0.40
0.40
0.40
300
300
300
300
MLB03-900-RC
90
0.50
300
MLB03-101-RC
100
0.50
300
MLB03-151-RC
MLB03-221-RC
150
220
0.50
0.50
300
300
MLB03-301-RC
MLB03-331-RC
300
330
0.80
0.80
300
300
Dimensions:
Inches
(mm)
*Temperature rise T=30ºC at rated current.
Electrical
Impedance Range:
6Ω to 1500Ω
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Packaging: 10000 per 7 inch reel.
Marking: None
(Z): HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Range: -55ºC ~ +125ºC
Rated Current: Based on temp rise not to exceed 30ºC
Features
• Surface mount EMI suppression components
• Nickel barrier termination for excellent resistance to solder heat
• Multi layer technology
• Flow and reflow soldering
Storage Temp: Under 25ºC at 40~60% Humidity
Tolerance: 25% over entire range
REVISED 6/18/09


Similar Part No. - MLB03-221-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLB03-221-RC ALLIED-MLB03-221-RC Datasheet
2Mb / 1P
   Multilayer Ferrite Bead
More results

Similar Description - MLB03-221-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLB05-050-RC ALLIED-MLB05-050-RC Datasheet
796Kb / 1P
   Multilayer Ferrite Bead s
MLB05 ALLIED-MLB05 Datasheet
749Kb / 1P
   Multilayer Ferrite Bead s
logo
KOA Speer Electronics, ...
CZB1JFT KOA-CZB1JFT Datasheet
96Kb / 3P
   multilayer ferrite bead
CZB1EGTTP120P KOA-CZB1EGTTP120P Datasheet
213Kb / 3P
   multilayer ferrite bead
logo
Allied Components Inter...
MLB03 ALLIED-MLB03 Datasheet
2Mb / 1P
   Multilayer Ferrite Bead
logo
KOA Speer Electronics, ...
CZP1JPT KOA-CZP1JPT Datasheet
85Kb / 2P
   multilayer power ferrite bead
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
KOA Speer Electronics, ...
CZP2AFTTD500P KOA-CZP2AFTTD500P Datasheet
212Kb / 2P
   multilayer power ferrite bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com