Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11690U Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK11690U
Description  THREE-TERMINAL VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11690U Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK11690U Datasheet HTML 6Page - TOKO, Inc TK11690U Datasheet HTML 7Page - TOKO, Inc TK11690U Datasheet HTML 8Page - TOKO, Inc TK11690U Datasheet HTML 9Page - TOKO, Inc TK11690U Datasheet HTML 10Page - TOKO, Inc TK11690U Datasheet HTML 11Page - TOKO, Inc TK11690U Datasheet HTML 12Page - TOKO, Inc TK11690U Datasheet HTML 13Page - TOKO, Inc TK11690U Datasheet HTML 14Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Page 10
December 1998 TOKO, Inc.
TK116xxU
PACKAGE POWER DISSIPATION (P
D)
This is the power dissipation level at which the thermal
sensor is activated. The IC contains an internal thermal
sensor which monitors the junction temperature. When
the junction temperature exceeds the monitor threshold of
150
°C, the IC is shut down. The junction temperature
rises as the difference between the input power (V
IN x IIN)
and the output power (V
OUT x IOUT) increases. The rate of
temperature is greatly affected by the mounting pad
configuration on the PCB, the board material and the
ambient temperature. When the IC mounting has good
thermal conductivity, the junction temperature will be low,
even if the power dissipation is great. When the radiation
of heat is good, the device temperature will be low, even if
the power loss is great. When mounted on the
recommended mounting pad, the power dissipation of the
SOT-89 package is 1000 mW. Derate the power dissipation
at 8 mW/
°C for operation above 25 °C. To determine the
power dissipation for shutdown when mounted, attach the
device on the actual PCB and deliberately increase the
output current (or raise the input voltage) until the thermal
protection circuit is activated. Calculate the power
dissipation of the device by subtracting the output power
from the input power. The measurements should allow for
the ambient temperature of the PCB. The value obtained
from P
D /(150 °C - TA) is the derating factor. The PCB
mounting pad should provide maximum thermal
conductivity in order to maintain low device temperatures.
As a general rule, the lower the temperature, the better the
reliability of the device. The thermal resistance when
mounted is expressed as follows:
T
j = ΘjA x PD + TA
For Toko ICs, the internal limit for junction temperature is
150
°C. If the ambient temperature (T
A) is 25 °C, then:
150
°C = Θ
jA x PD + 25 °C
Θ
jA = 125 °C/PD
P
D is the value when the thermal sensor is activated. A
simple way to determine P
D is to calculate VIN x IIN when
the output side is shorted. Input current gradually falls as
temperature rises. You should use the value when the
DEFINITION AND EXPLANATION OF TECHNICAL TERMS
LINE REGULATION (Line Reg)
Line regulation is the ability of the regulator to maintain a
constant output voltage as the input voltage changes. The
line regulation is specified as the input voltage is changed
from V
IN = VOUT(TYP) + 1 V to VIN = VOUT(TYP) + 6 V.
LOAD REGULATION (Load Reg)
Load regulation is the ability of the regulator to maintain a
constant output voltage as the load current changes. It is
a pulsed measurement to minimize temperature effects
with the input voltage set to V
IN = VOUT(TYP) +1 V. The load
regulation is specified under three output current step
conditions of 0 mA to 30 mA, 0 mA to 100 mA and 0 mA to
150 mA.
DROPOUT VOLTAGE (V
DROP)
This is a measure of how well the regulator performs as the
input voltage decreases. The smaller the number, the
further the input voltage can decrease before regulation
problems occur. Nominal output voltage is first measured
when V
IN = VOUT(TYP) + 1 V at a chosen load current. When
the output voltage has dropped 100 mV from the nominal,
V
IN - VOUT is the dropout voltage. This voltage is affected
by load current and junction temperature.
GROUND CURRENT (I
GND)
Ground current is the current which flows through the
ground pin(s). It is defined as I
IN - IOUT, excluding control
current.
OUTPUT NOISE VOLTAGE
This is the effective AC voltage that occurs on the output
voltage under the condition where the input noise is low
and with a given load, filter capacitor, and frequency
range.
THERMAL PROTECTION
This is an internal feature which turns the regulator off
when the junction temperature rises above 150
°C. After
the regulator turns off, the temperature drops and the
regulator output turns back on. Under certain conditions,
the output waveform may appear to be an oscillation as the
output turns off and on and back again in succession.


Similar Part No. - TK11690U

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11690U

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
   Three-terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L05-23 KEXIN-78L05-23 Datasheet
417Kb / 1P
   Three-Terminal Voltage Regulator
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
   Three-Terminal Voltage Regulator
LM79L09 KEXIN-LM79L09 Datasheet
63Kb / 1P
   Three-terminal Voltage Regulator
logo
Galaxy Semi-Conductor H...
BL79LXX BILIN-BL79LXX Datasheet
192Kb / 10P
   Three-terminal voltage regulator
logo
TECH PUBLIC Electronics...
78L05 TECHPUBLIC-78L05 Datasheet
1Mb / 3P
   Three-Terminal Voltage Regulator
TP78L05T3 TECHPUBLIC-TP78L05T3 Datasheet
1Mb / 3P
   Three-Terminal Voltage Regulator
logo
DONGGUAN YOU FENG WEI E...
78L05-SOT23 YFWDIODE-78L05-SOT23 Datasheet
1Mb / 2P
   Three-Terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L05 KEXIN-78L05 Datasheet
380Kb / 1P
   Three-Terminal Voltage Regulator
logo
Sirectifier Semiconduct...
BL79LXX SIRECTIFIER-BL79LXX Datasheet
216Kb / 10P
   Three-terminal voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com