Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11247MTL Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK11247MTL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11247MTL Datasheet(HTML) 5 Page - TOKO, Inc

  TK11247MTL Datasheet HTML 1Page - TOKO, Inc TK11247MTL Datasheet HTML 2Page - TOKO, Inc TK11247MTL Datasheet HTML 3Page - TOKO, Inc TK11247MTL Datasheet HTML 4Page - TOKO, Inc TK11247MTL Datasheet HTML 5Page - TOKO, Inc TK11247MTL Datasheet HTML 6Page - TOKO, Inc TK11247MTL Datasheet HTML 7Page - TOKO, Inc TK11247MTL Datasheet HTML 8Page - TOKO, Inc TK11247MTL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TK112xx
January, 1996 TOKO, Inc.
Page 5
1-3-96
TK11235 ELECTRICAL CHARACTERISTICS
Test conditions: TA = 25 °C, VIN = 4.5 V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Supply Voltage Range
1.8
15
V
I
IN
Supply Current
I
O = 0 mA, Except ICONT
170
350
µA
I
INS
Standby Current
V
IN = 8 V, Output off
0.1
µA
VO
Output Voltage
IO = 30 mA
3.39
3.5
3.61
V
V
DROP
Dropout Voltage
I
O = 60 mA
0.18
0.3
V
IO
Output Current
Note 3
150
170
mA
I
OR
Recommended Output Current
130
mA
Line Reg
Line Regulation
V
IN = 4 → 9 V
3.0
20
mV
Load Reg
Load Regulation
IO = 5 mA → 60 mA
30
60
mV
I
O = 5 mA → 100 mA
80
150
mV
RR
Ripple Rejection
100 mV(rms), f = 400 Hz,
60.0
dB
I
O = 10 mA
∆V
O/∆TA
Temperature Coefficient
IO = 10 mA
0.15
mV/
°C
-25
°C ≤ T
A ≤ + 75 °C
V
NO
Output Noise Voltage
10 Hz < f < 100 kHz,
35
µV(rms)
I
O = 30 mA, Cp = 0.01 µF
V
REF
Noise Bypass Terminal Voltage
1.25
V
Control Terminal Specification
I
CONT
Control Current
Output on, V
CONT = 2.4 V
14
40
µA
V
CONT
Control Voltage
Output on
2.4
V
Output off
0.6
V
t
r
Output Rise Time Off
→ On
I
O = 30 mA, VCONT = 0 → 2.4 V
0.3
ms
Note 1:
Power dissipation must be derated at rate of 1.6 mW/
°C for operation above 25 °C. Maximum power dissipation = 400 mW
(When mounted as recommended), and 200 mW in free air.
Note 2:
Output side capacitor should have low ESR at low temperatures if used below 0
°C.
Note 3:
I
O (Output Current) is the measured current when the output voltage drops 0.3 V with respect to VO at IO = 30 mA.
Note 4:
This measurement (pulse measurement) is with a constant T
J. The output change due to temperature change is not included.


Similar Part No. - TK11247MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11247B TOKO-TK11247B Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11247BMCB TOKO-TK11247BMCB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11247BMCL TOKO-TK11247BMCL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11247BMIB TOKO-TK11247BMIB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11247BMIL TOKO-TK11247BMIL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11247MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com