Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCLP05-150M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCLP05-150M-RC
Description  Power Chip Low Profile Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCLP05-150M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCLP05-150M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Low Profile Inductors
PCLP05
Allied
Part
Number
Inductance
(
µh)
PCLP05-1R2M-RC
PCLP05-1R5M-RC
PCLP05-2R2M-RC
PCLP05-3R3M-RC
PCLP05-4R7M-RC
PCLP05-6R8M-RC
PCLP05-100M-RC
PCLP05-150M-RC
PCLP05-220M-RC
PCLP05-330M-RC
PCLP05-470M-RC
PCLP05-680M-RC
PCLP05-101M-RC
PCLP05-151M-RC
PCLP05-221M-RC
PCLP05-331M-RC
Irms
(A)
Tolerance
(%)
DCR
Max.
(
Ω)
1.2
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
Isat
(A)
3.6
2.8
2.4
2.0
1.7
1.2
1.1
0.9
.83
.62
.52
.35
.27
.24
.23
.13
2.1
1.9
1.6
1.3
1.1
0.9
0.8
.65
0.5
0.4
.35
.30
.25
.18
.16
.13
0.08
0.10
0.12
0.16
0.20
0.32
0.41
0.55
0.85
1.30
1.80
2.50
3.50
5.00
7.00
15.0
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
Test
Freq.
KHz, 0.1V
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
Features
• High Energy Storage SMD low cost design
• Designed for very low resistance
• Excellent for use in step up and step down
• DC-DC conversion
• Low profile, 1mm nominal
Electrical
Inductance Range: 1.2µh to 330µh
Tolerance:
20% over entire range
Test Frequency: (L/Q) as specified
Operating Temp: -40ºC ~ +85ºC
Isat: Current at which Inductance drops 10%
of original value
Resistance to Soldering Heat
Test Method:
Reflow solder the devise onto
PCB using 96.5 Sn/Ag3.0/Cu0.5 Solder paste.
The solder process shall be 230ºC for 20 ± 2 sec.
Test Equipment
(L & Q): HP4192A / HP4285A
(DCR): Chen Hwa 502BC
(IDC): HP4284A with HP42841A or
CH1061 with CH301A
Physical
Packaging: 3500 pieces per 13 inch reel.
Marking:
EIA Inductance Code.
∆ T= 40ºC rise typical at Irms.
Irms:
coverters
Also available in tighter tolerances
• Small size and high performance
and 260ºC for 5 ± 2 seconds.
Inductance shall remain within 10% of inital value.
REVISED 12/11/08
XXX
Dimensions:
Inches
(mm)


Similar Part No. - PCLP05-150M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCLP05-150M-RC ALLIED-PCLP05-150M-RC Datasheet
380Kb / 1P
   Power Chip Low Profile Inductors
More results

Similar Description - PCLP05-150M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCLP10-1R0M-RC ALLIED-PCLP10-1R0M-RC Datasheet
775Kb / 1P
   Power Chip Low Profile Inductors
PCLP05 ALLIED-PCLP05 Datasheet
380Kb / 1P
   Power Chip Low Profile Inductors
PCLP20 ALLIED-PCLP20 Datasheet
333Kb / 1P
   Power Chip Low Profile Inductors
PCLP20-4R7M-RC ALLIED-PCLP20-4R7M-RC Datasheet
332Kb / 1P
   Power Chip Low Profile Inductors
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com