Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11480BX Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK11480BX
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11480BX Datasheet(HTML) 5 Page - TOKO, Inc

  TK11480BX Datasheet HTML 1Page - TOKO, Inc TK11480BX Datasheet HTML 2Page - TOKO, Inc TK11480BX Datasheet HTML 3Page - TOKO, Inc TK11480BX Datasheet HTML 4Page - TOKO, Inc TK11480BX Datasheet HTML 5Page - TOKO, Inc TK11480BX Datasheet HTML 6Page - TOKO, Inc TK11480BX Datasheet HTML 7Page - TOKO, Inc TK11480BX Datasheet HTML 8Page - TOKO, Inc TK11480BX Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
11-20-94
TK114xx
January, 1995 TOKO, Inc.
Page 5
TK11437 ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
I
IN1
Supply Current 1
V
IN = 4.7 V, IO = 0 mA
500
900
µA
I
IN2
Supply Current 2
V
IN = 2.7 V, IO = 0 mA
1
2.5
µA
I
INS
Standby Current
V
IN = 10 V, Output Off
0.1
µA
VO
Output Voltage Regulation
VIN = 4.7 V, IO = 30 mA
3.62
3.75
3.88
%
V
DROP
Dropout Voltage
I
O = 30 mA
0.12
0.3
V
I
O
Output Current
(Note 2)
70
110
mA
I
OR
Recommended Output
70
mA
Current
LinReg
Line Regulation
V
IN = 4.7 V → 9.7 V
7
35
mV
LoaReg
Load Regulation
IO = 0 mA to 30 mA
20
110
mV
I
O = 0 mA to 60 mA
40
100
mV
RR
Ripple Rejection
100 mV(rms), f = 400 Hz
55
dB
V
IN = 5.2 V, IO = 10 mA
∆V/∆TV
O Temperature Coefficient
V
IN = 5.2 V, IO = 10 mA
±0.4
mV/
°C
-20
°C ≤ T
A ≤ 75 °C
VN
Output Noise Voltage
VIN = 4.5 V, IO = 10 mA
180
µV(rms)
Control Pin
ICONT
Control Pin Current
On Mode
35
120
µA
V
Coff
Control Pin Voltage
Off Mode
V
IN-0.2
V
IN
V
V
Con
Control Pin Voltage
On Mode
0
0.6
V
Note 2: I
O (Load Current) is current when VO drop down 0.3V from VO at IO = 30 mA.


Similar Part No. - TK11480BX

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11480BX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com