Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11900 Datasheet(PDF) 9 Page - TOKO, Inc

Part # TK11900
Description  ADJUSTABLE LOW DROPOUT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11900 Datasheet(HTML) 9 Page - TOKO, Inc

Back Button TK11900 Datasheet HTML 2Page - TOKO, Inc TK11900 Datasheet HTML 3Page - TOKO, Inc TK11900 Datasheet HTML 4Page - TOKO, Inc TK11900 Datasheet HTML 5Page - TOKO, Inc TK11900 Datasheet HTML 6Page - TOKO, Inc TK11900 Datasheet HTML 7Page - TOKO, Inc TK11900 Datasheet HTML 8Page - TOKO, Inc TK11900 Datasheet HTML 9Page - TOKO, Inc TK11900 Datasheet HTML 10Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
November 2000 TOKO, Inc.
Page 9
TK11900
APPLICATION INFORMATION (CONT.)
CURRENT BOOST
The output current can be increased by connecting an external NPN transistor as shown above.
The output current capability depends on the H
fe of the external transistor.
Note: The TK11900 internal short circuit protection and the thermal sensor do not protect the external transistor.
CONT
NOISE BYPASS
VIN
VOUT
FEEDBACK
R1
R2
CL
10 µF
+
1 µF
CN
0.1 µF
CONTROL
RE
Note: V
OUT = 1.25 [(R1 + R2) / R2]
10 k - R
2 - 60 k


Similar Part No. - TK11900

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11922 TOKO-TK11922 Datasheet
134Kb / 23P
   VOLTAGE REGULATOR WITH RESET OUTPUT
TK11922/G22 TOKO-TK11922/G22 Datasheet
134Kb / 23P
   VOLTAGE REGULATOR WITH RESET OUTPUT
TK11922MTL TOKO-TK11922MTL Datasheet
134Kb / 23P
   VOLTAGE REGULATOR WITH RESET OUTPUT
TK11927 TOKO-TK11927 Datasheet
134Kb / 23P
   VOLTAGE REGULATOR WITH RESET OUTPUT
TK11927/G27 TOKO-TK11927/G27 Datasheet
134Kb / 23P
   VOLTAGE REGULATOR WITH RESET OUTPUT
More results

Similar Description - TK11900

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Analog Devices
ADP3334 AD-ADP3334_15 Datasheet
432Kb / 11P
   Adjustable Low Dropout Regulator
REV. C
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941_11 Datasheet
157Kb / 5P
   Adjustable Low Dropout Regulator
logo
Analog Devices
ADP3336 AD-ADP3336_15 Datasheet
392Kb / 9P
   Adjustable Low Dropout Regulator
REV. A
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941 Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com