Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5-435-30 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # B5-435-30
Description  Super bright LED Lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

B5-435-30 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  B5-435-30 Datasheet HTML 1Page - Roithner LaserTechnik GmbH B5-435-30 Datasheet HTML 2Page - Roithner LaserTechnik GmbH B5-435-30 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ROITHNER LASERTECHNIK
B5-435-30
Schoenbrunner Strasse 7, Vienna, Austria, Tel.: +43-1-586 52 43 – 0 Fax.: +43-1-586 52 43 44
office@roithner-laser.com, http://www.roithner-laser.com
REV.2002/9/23
1 / 3
DESCRIPTION
Super bright LED Lamp
Round type
T1-3/4 (5mm) diameter
Lens color: Water Clear
With Flange
Solder leads without stand-off
1.0 ± 0.2
□ 0.5
5 ± 0.2
1 MAX.
1.0 MIN.
ANODE
2.54
26.4
MIN.
8.6 ± 0.3
5.9 ± 0.3
FEATURES
Emitted color: Super Orange
High Luminous intensity
Technology: AlGaInP
Peak wavelength λp = 625 nm
Viewing angle: 15 °
Notes:
1. All dimensions are in millimeter.
2. Lead spacing is measured where the lead
emerge from the package.
SELECTION GUIDE
Chip Material
Chip Emitted
Lens Color
Viewing Angle
AlGaInP
Super Orange
Water Clear
15 °


Similar Part No. - B5-435-30

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
B5-435-30S ROITHNER-B5-435-30S Datasheet
61Kb / 3P
   Super bright LED Lamp
More results

Similar Description - B5-435-30

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
B5-433-B525 ROITHNER-B5-433-B525 Datasheet
158Kb / 3P
   Super bright LED Lamp
B5-230-JD ROITHNER-B5-230-JD Datasheet
109Kb / 3P
   Super bright LED Lamp
B3B-443-B505 ROITHNER-B3B-443-B505 Datasheet
125Kb / 3P
   super bright led lamp
B5-43SUN-JD ROITHNER-B5-43SUN-JD Datasheet
195Kb / 3P
   super bright led lamp
B5-437-CVD ROITHNER-B5-437-CVD Datasheet
161Kb / 4P
   Super bright LED Lamp
B5-433-20D ROITHNER-B5-433-20D Datasheet
159Kb / 3P
   Super bright LED Lamp
B5-436-30D ROITHNER-B5-436-30D Datasheet
159Kb / 3P
   Super bright LED Lamp
B5-430-JD ROITHNER-B5-430-JD Datasheet
110Kb / 3P
   Super bright LED Lamp
B5B-436-30 ROITHNER-B5B-436-30 Datasheet
159Kb / 3P
   Super bright LED Lamp
logo
List of Unclassifed Man...
B5-430-JD ETC-B5-430-JD Datasheet
103Kb / 3P
   Super bright LED Lamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com