Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS105-8R2T-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS105-8R2T-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS105-8R2T-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS105-8R2T-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS105
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
REVISED 04/06/09
DCR
(
Ω)
SRF
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
(MHz)Typ
Max
ISAT
(A)
DCR
Max.
(Ω)
IDC
(A)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS105-R80T-RC
PCS105-1R5T-RC
PCS105-2R2T-RC
PCS105-3R3T-RC
PCS105-4R7T-RC
PCS105-6R8T-RC
PCS105-8R2T-RC
PCS105-100T-RC
PCS105-120T-RC
PCS105-150T-RC
PCS105-180T-RC
PCS105-220T-RC
PCS105-270T-RC
PCS105-330T-RC
PCS105-390T-RC
PCS105-470T-RC
PCS105-560T-RC
0.8
1.5
2.2
3.3
4.7
6.8
8.2
10
12
15
18
22
27
33
39
47
56
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.0043
0.0058
0.0072
0.0104
0.0123
0.0180
0.0200
0.0260
0.0330
0.0410
0.0460
0.0610
0.0690
0.0840
0.1060
0.1300
0.1490
13.50
10.50
9.25
7.80
6.40
5.40
4.85
4.45
4.00
3.60
3.20
2.95
2.70
2.50
2.30
2.00
1.90
PCS105-680T-RC
PCS105-820T-RC
PCS105-101T-RC
PCS105-121T-RC
PCS105-151T-RC
PCS105-181T-RC
68
82
100
120
150
180
30
30
30
30
30
30
100
100
100
100
100
100
0.2010
0.2270
0.2530
0.3030
0.3700
0.4190
1.65
1.50
1.35
1.28
1.12
1.04
KHz, 1V
PCS105-221T-RC
PCS105-271T-RC
PCS105-331T-RC
PCS105-391T-RC
PCS105-471T-RC
220
270
330
390
470
30
30
30
30
30
100
100
100
100
100
0.5000
0.94
0.6720
0.84
0.8120
0.75
0.9530
0.70
1.290
0.60
PCS105-561T-RC
560
30
100
1.430
0.54
PCS105-681T-RC
680
30
100
1.600
0.52
PCS105-102T-RC
1000
30
100
1.990
0.48
PCS105-821T-RC
820
30
100
1.770
0.50
Features
• Shielded SMD Power Inductor
• Low DC resistance
• Ideal for DC-DC converter applications
Electrical
Inductance Range: 0.8µh to 1000µh
Tolerance:
30% over entire range
Operating Temp: -40ºC ~ +85ºC
IDC: Current at which inductance drop =
Test Equipment
(L):
HP 4192A LF Impedance Analyzer
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 500 pieces per 13 inch reel.
• Available in magnetically shielded
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC for 10 sec. ± 1 sec.
(RDC): Chen Hwa 502
(IDC): HP4284A + HP42841A
Marking: EIA Inductance Code
35% typ.
Dimensions:
Inches
(mm)


Similar Part No. - PCS105-8R2T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-8R2T-RC ALLIED-PCS105-8R2T-RC Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS105-8R2T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com