Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS125-150M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS125-150M-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS125-150M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS125-150M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS125
15
Features
• Magnetically Shielded
• High Energy Storage
• Low Energy Loss
• Suitable for pick and place
Electrical
Test Equipment
Physical
Packaging:
600 pieces per 13 inch reel.
DCR
(
Ω)
IDC
Current
Allied
Part
Number
Inductance
(
µh)
T
olerance
(%)
T
est
Freq.
PCS125-3R3M-RC
PCS125-4R7M-RC
PCS125-100M-RC
PCS125-120M-RC
PCS125-150M-RC
PCS125-220M-RC
PCS125-330M-RC
PCS125-390M-RC
PCS125-470M-RC
PCS125-560M-RC
PCS125-680M-RC
PCS125-820M-RC
PCS125-101M-RC
PCS125-121M-RC
3.3
4.7
10
12
15
22
33
39
47
56
68
82
100
120
20
20
20
20
20
20
20
20
20
20
20
20
20
20
1
1
1
1
1
1
1
1
1
1
1
1
1
1
.015
.018
.025
.027
.030
.036
.057
.068
.075
.110
.120
.140
.160
.170
8.0
7.6
4.0
3.5
3.3
2.8
2.1
2.0
1.8
1.7
1.5
1.4
1.3
1.1
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS125-180M-RC
18
20
1
.034
3.0
PCS125-270M-RC
27
20
1
.051
2.3
(A)
PCS125-181M-RC
PCS125-221M-RC
PCS125-271M-RC
PCS125-331M-RC
180
220
270
330
20
20
20
20
1
1
1
1
.290
.400
.460
.510
0.9
0.8
.75
.68
PCS125-151M-RC
150
20
1
.230
1.0
PCS125-391M-RC
PCS125-471M-RC
390
470
20
20
1
1
.690
.770
.65
.58
PCS125-681M-RC
PCS125-821M-RC
680
820
20
20
1
1
1.20
1.34
.48
.43
PCS125-561M-RC
560
20
1
.860
.54
PCS125-102M-RC
1000
20
1
1.53
0.4
• Low DC Resistance
Inductance Range:
3.3µ to 1000µh
Tolerance:
20% over entire range
Test Frequency:
1KHz, 1V
Operating Temp:
-40ºC ~ 85ºC
IDC:
Inductance Drop 35% Typ. at
rated IDC.
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC +/- 5ºC
Immersion time:
10 sec. +/- 1 sec.
(L):
HP 4192A LF Impedance Analyzer
(RDC):
Chen Hwa 502
(IDC):
Chen Hwa 1061 + Chen Hwa 301A
or HP4284A + HP42841A
Marking:
EIA Inductance Code.
REVISED 5/28/09
Dimensions:
Inches
(mm)
KHz,1V
All specifications subject to change without notice.
Available in tighter tolerances


Similar Part No. - PCS125-150M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS125-150M-RC ALLIED-PCS125-150M-RC Datasheet
359Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS125-150M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com