Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM10-SP10S-L Datasheet(PDF) 3 Page - DDK Ltd.

Part # CM10-SP10S-L
Description  One-Touch Locking Style Small Sized Circular Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM10-SP10S-L Datasheet(HTML) 3 Page - DDK Ltd.

  CM10-SP10S-L Datasheet HTML 1Page - DDK Ltd. CM10-SP10S-L Datasheet HTML 2Page - DDK Ltd. CM10-SP10S-L Datasheet HTML 3Page - DDK Ltd. CM10-SP10S-L Datasheet HTML 4Page - DDK Ltd. CM10-SP10S-L Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Unit:mm
CM10 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○ 2-Contact Plug
Straight Plug P/N
Right Angle Plug P/N
Cable Outside Dia.
CM10-SP2S-S(D6)
CM10-AP2S-S(D6)
φ 4.0 ∼φ 6.0
CM10-SP2S-M(D6)
CM10-AP2S-M(D6)
φ 6.0 ∼φ 9.0
CM10-SP2S-L(D6)
CM10-AP2S-L(D6)
φ 9.0 ∼φ 11.6
○ Contact of 2-Contact Plug
CM10-#22SC(C3)(D8)- □□□□
CM10-#22SC(S2)(D8)- □□□□
Reel Contact for Semi-Automatic Crimping Machine (Crimping Style Only)
Contact P/N
( 4,000 pcs on 1 reel )
Applicable Wire
Semi-Automatic Crimping Machine
Extraction Tool P/N
Conductor Size
Insulation Dia.
1set P/N
Applicator P/N
357J-50548T
CM10-#22SC(C3)(D8)-4000
16 ∼ 20AWG
φ 1.87 ∼φ 2.45
AP-A50541T
AP-A50541T-1
Loose Piece Contact
1. The packaging specification is 100 pcs of contacts per bag for sale.
2.Both of the solder contacts and the crimp contacts shall be inserted into the inserts of the connectors after soldering the contacts to
the cable or crimping the contacts with the cable.
1. Due to the construction of CM10-#22SC-(C3)(D8)-4000 you can only make the crimping process by AP50541T.
So the process of striping cable shall be made in advance.
  2. AP50541T is a set part number which includes both of the semi-automatic crimping machine and the applicator (crimper).
The semi-automatic crimping machine is required
when you terminate the reel contacts.
Item
   
Contact P/N
( 100 pcs in 1 bag )
Applicable Wire
Hand Tool P/N
Extraction Tool P/N
Conductor Size
Insulation Dia.
Crimping Type
CM10-#22SC(C3)(D8)-100
16 ∼ 20AWG
φ 1.87 ∼φ 2.45
357J-50448T
357J-50548T
Soldering Type
CM10-#22SC(S2)(D8)-100
16AWG Max.
15.6
6
15.6
6
・Contact Style : Socket
・Termination:Solder or Crimp
・The contact is sold separately.
Straight Plug
Right Angle Plug
Note: The applicable cable outside diameter is in the case of cabtyre cable.
Please contact the nearest sales office when you use a different cable.
Regarding the wiring tools, please refer to the instruction manuals attached on the top-page of this connector catalogue.
(32.5)
(51.4)


Similar Part No. - CM10-SP10S-L

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM10-SP10S-L(D6) DDK-CM10-SP10S-L(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-L-D DDK-CM10-SP10S-L-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
More results

Similar Description - CM10-SP10S-L

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
CM04T DDK-CM04T Datasheet
179Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
Panasonic Semiconductor
EVQ-PUJ02K PANASONIC-EVQ-PUJ02K Datasheet
114Kb / 4P
   Small-sized Side-operational SMD Light Touch Switches
logo
Japan Aviation Electron...
JL10 JAE-JL10 Datasheet
1Mb / 15P
   One-touch / Screw Mating Compatible Circular Waterproof Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com