Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK14584 Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK14584
Description  FM IF IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK14584 Datasheet(HTML) 5 Page - TOKO, Inc

  TK14584 Datasheet HTML 1Page - TOKO, Inc TK14584 Datasheet HTML 2Page - TOKO, Inc TK14584 Datasheet HTML 3Page - TOKO, Inc TK14584 Datasheet HTML 4Page - TOKO, Inc TK14584 Datasheet HTML 5Page - TOKO, Inc TK14584 Datasheet HTML 6Page - TOKO, Inc TK14584 Datasheet HTML 7Page - TOKO, Inc TK14584 Datasheet HTML 8Page - TOKO, Inc TK14584 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
January 2000 TOKO, Inc.
Page 5
TK14584
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.
180
SUPPLY CURRENT, OUTPUT VOLTAGE,
TOTAL HARMONIC DISTORTION
vs. TEMPERATURE
TA (°C)
100
-40
-20
0
20
40
60
80
100
260
140
220
300
0
1
2
3
4
5
ICC
THD
VOUT
50
SIGNAL TO NOISE RATIO,
-3 dB LIMITING SENSITIVITY,
12 dB SINAD vs. TEMPERATURE
TA (°C)
30
-40
-20
0
20
40
60
80
100
70
40
60
80
-100
-90
-80
-70
-60
-50
S/N
12 dB SINAD
-3 dB LIMITING SENSITIVITY
40
LIMITER GAIN vs.
INPUT FREQUENCY
fIN (MHz)
0
1
3
5
10
30
50
80
20
60
100
1.4
RSSI OUTPUT VOLTAGE vs.
TEMPERATURE
TA (°C)
1.0
-40
-20
0
20
40
60
80
100
1.8
1.2
1.6
2.0
VIN = 0 dBm
VIN = -15 dBm
VIN = -30 dBm
0.4
RSSI OUTPUT VOLTAGE vs.
TEMPERATURE
TA (°C)
0.0
-40
-20
0
20
40
60
80
100
0.8
0.2
0.6
1.0
VIN = -45 dBm
VIN = -60 dBm
VIN = -75 dBm
VIN = -90 dBm
0.8
RSSI OUTPUT VOLTAGE vs.
INPUT VOLTAGE
VIN (dBm)
0.0
-120 -100 -80 -60 -40
-20
0
20
1.6
0.4
1.2
2.0
TEMP (deg)
-30
0
25
50
70
85


Similar Part No. - TK14584

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK14583V-G TOKO-TK14583V-G Datasheet
180Kb / 2P
   Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
TK14583VTL-G TOKO-TK14583VTL-G Datasheet
180Kb / 2P
   Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
TK14588V TOKO-TK14588V Datasheet
233Kb / 20P
   FM IF IC
TK14588V/14588 TOKO-TK14588V/14588 Datasheet
233Kb / 20P
   FM IF IC
More results

Similar Description - TK14584

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
   FM IF Detector IC
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
   FM IF Detector IC
May, 2013
logo
New Japan Radio
NJM2294 NJRC-NJM2294 Datasheet
313Kb / 10P
   FM IF IC FOR PAGER
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
NJM2292 NJRC-NJM2292_1 Datasheet
131Kb / 6P
   NARROW BAND FM IF IC
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
logo
TOKO, Inc
TK83361M TOKO-TK83361M Datasheet
155Kb / 15P
   NARROW BAND FM IF IC
logo
New Japan Radio
NJM2292 NJRC-NJM2292 Datasheet
230Kb / 7P
   NARROW BAND FM IF IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com