Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS-136 Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OLS-136
Description  Series 136 - 1206 - Duplex bicolor low current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-136 Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OLS-136 Datasheet HTML 1Page - OSA Opto Light GmbH OLS-136 Datasheet HTML 2Page - OSA Opto Light GmbH OLS-136 Datasheet HTML 3Page - OSA Opto Light GmbH OLS-136 Datasheet HTML 4Page - OSA Opto Light GmbH OLS-136 Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OLS-136 ?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
3000
12000
Tape And Reel Packing


Similar Part No. - OLS-136

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-136HR OSA-OLS-136HR Datasheet
130Kb / 5P
   Series 136 - 1206 - Duplex bicolor
OLS-136HRHYG OSA-OLS-136HRHYG Datasheet
130Kb / 5P
   Series 136 - 1206 - Duplex bicolor
OLS-136HSD OSA-OLS-136HSD Datasheet
221Kb / 7P
   devices are ROHS and REACH conform
OLS-136HSDHY OSA-OLS-136HSDHY Datasheet
130Kb / 5P
   Series 136 - 1206 - Duplex bicolor
OLS-136UR OSA-OLS-136UR Datasheet
130Kb / 5P
   Series 136 - 1206 - Duplex bicolor
More results

Similar Description - OLS-136

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-136HR OSA-OLS-136HR Datasheet
130Kb / 5P
   Series 136 - 1206 - Duplex bicolor
OLS-130HYGC525 OSA-OLS-130HYGC525 Datasheet
234Kb / 7P
   1206 ??Duplex bicolor
OLS-130 OSA-OLS-130 Datasheet
134Kb / 5P
   Series 130 - 1206 - Duplex bicolor
OLS-159Y OSA-OLS-159Y Datasheet
131Kb / 5P
   Series 159 - 1206 - Bipolar bicolor low current
OLS-153SD OSA-OLS-153SD Datasheet
133Kb / 5P
   Series 153 - 1206 - Bipolar bicolor
OLS-153MSDMY OSA-OLS-153MSDMY Datasheet
230Kb / 7P
   Size 1206 ??bipolar, bicolor
OLS-153MSDGC525 OSA-OLS-153MSDGC525 Datasheet
227Kb / 7P
   Size 1206 ??bipolar, bicolor
OLS-130HSD OSA-OLS-130HSD Datasheet
161Kb / 4P
   Series 130 - 1206 Duplex
OLS-156R OSA-OLS-156R Datasheet
124Kb / 5P
   Series 156 - 1206 low current low cost
OLS-158R OSA-OLS-158R Datasheet
125Kb / 5P
   Series 158 - 1206 Bipolar low current low cost
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com