Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS-137 Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OLS-137
Description  Series 137 - 1206 RGB Type OLS-137 RGB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-137 Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OLS-137 Datasheet HTML 1Page - OSA Opto Light GmbH OLS-137 Datasheet HTML 2Page - OSA Opto Light GmbH OLS-137 Datasheet HTML 3Page - OSA Opto Light GmbH OLS-137 Datasheet HTML 4Page - OSA Opto Light GmbH OLS-137 Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
edition 10/04
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OLS-137 RGB-XD-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
D
Parts/reel
180 mm
330 mm
3000
12000
Tape And Reel Packing


Similar Part No. - OLS-137

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-130 OSA-OLS-130 Datasheet
134Kb / 5P
   Series 130 - 1206 - Duplex bicolor
OLS-130HR OSA-OLS-130HR Datasheet
227Kb / 7P
   Size 1206 ??Duplex LED
OLS-130HRHYG OSA-OLS-130HRHYG Datasheet
227Kb / 7P
   Size 1206 ??Duplex LED
OLS-130HSD OSA-OLS-130HSD Datasheet
161Kb / 4P
   Series 130 - 1206 Duplex
OLS-130HSD/HY-CX-TD OSA-OLS-130HSD/HY-CX-TD Datasheet
161Kb / 4P
   Series 130 - 1206 Duplex
More results

Similar Description - OLS-137

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB9Q53-TR1 LIGITEK-LRGB9Q53-TR1 Datasheet
172Kb / 10P
   PLCC TYPE RGB LED
LRGB9Q53-R1-2-TR1 LIGITEK-LRGB9Q53-R1-2-TR1 Datasheet
172Kb / 10P
   PLCC TYPE RGB LED
LRGB9Q53-S1-TR1 LIGITEK-LRGB9Q53-S1-TR1 Datasheet
172Kb / 10P
   PLCC TYPE RGB LED
logo
Naina Semiconductor ltd...
NTT132C NAINA-NTT132C Datasheet
192Kb / 2P
   Thyristor-Thyristor Module, 137 Amps
logo
Pasternack Enterprises,...
PE-W137TF005-36 PASTERNACK-PE-W137TF005-36_V01 Datasheet
396Kb / 4P
   WR-137 Twistable Flexible Waveguide
PE-W137TF006-24 PASTERNACK-PE-W137TF006-24_V01 Datasheet
427Kb / 4P
   WR-137 Twistable Flexible Waveguide
logo
Naina Semiconductor ltd...
NTT132 NAINA-NTT132 Datasheet
200Kb / 2P
   Thyristor-Thyristor Module, 137 Amps
NTD132 NAINA-NTD132 Datasheet
201Kb / 3P
   Thyristor-Diode Module, 137 Amps
logo
Pasternack Enterprises,...
PEWGK1012 PASTERNACK-PEWGK1012 Datasheet
447Kb / 3P
   WR-137 Waveguide Gasket kit
PE-W137SF006-36 PASTERNACK-PE-W137SF006-36_V01 Datasheet
453Kb / 4P
   WR-137 Seamless Flexible Waveguide
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com