Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSLF0628-4R7M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCSLF0628-4R7M-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSLF0628-4R7M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCSLF0628-4R7M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCSLF0628
15
RDC
(Ω)
±20%
Allied
Part
Number
Inductance
(
µH)
Tolerance
(%)
Test
Freq.
PCSLF0628-4R7M-RC
4.7
20
1
.028
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
KHz, 0.5V
Itemp
2.5
(A)
REVISED 12/16/08
IDC
(A)
Max.
1.6
PCSLF0628-6R8M-RC
6.8
20
1
.035
2.2
1.5
PCSLF0628-100M-RC
10
20
1
.053
1.8
1.3
PCSLF0628-150M-RC
15
20
1
.075
1.4
1.0
PCSLF0628-220M-RC
22
20
1
.104
1.3
.77
PCSLF0628-330M-RC
33
20
1
.148
1.1
.69
PCSLF0628-470M-RC
47
20
1
.210
0.92
.59
PCSLF0628-680M-RC
68
20
1
.290
0.78
.50
PCSLF0628-101M-RC
100
20
1
.430
0.64
.42
Features
• Shielded SMD Power Inductor
• Low profile
• Low Power loss and High current
Electrical
Inductance Range: 4.7µH to 100µH
Tolerance: 20% over entire range
Operating Temp: -40ºC ~ +85ºC
Test Equipment
(L): HP 4192A LF Impedance Analyzer
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 1000 pieces per 13 inch reel.
• Suitable for high current applications
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC for 10 sec. ± 1 sec.
(RDC): Chen Hwa 502BC
(IDC): HP4284A + HP42841A
Marking: EIA Inductance Code
IDC: Current at which inductance
drops by 30% of intial value
Itemp: Current at which the temperature
has risen 25ºC from initial Temp.
PCSLF0628-5R4M-RC
5.4
20
1
.033
1.5
2.0
Dimensions:
Inches
(mm)


Similar Part No. - PCSLF0628-4R7M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSLF0628-4R7M-RC ALLIED-PCSLF0628-4R7M-RC Datasheet
348Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCSLF0628-4R7M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com