Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC10-5R6M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RDC10-5R6M-RC
Description  Radial Drum Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RDC10-5R6M-RC Datasheet(HTML) 1 Page - Allied Components International

  RDC10-5R6M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RDC10-1R0T-RC
1.0
30
.003
87.0
.550
RDC10-1R2M-RC
1.2
20
.003
68.0
.550
RDC10-1R5M-RC
1.5
20
.004
56.0
.550
RDC10-1R8M-RC
1.8
20
.004
56.0
.550
RDC10-2R2M-RC
2.2
20
.005
47.0
.550
RDC10-2R7M-RC
2.7
20
.005
47.0
.550
RDC10-3R3M-RC
3.3
20
.005
40.0
.550
RDC10-3R9M-RC
3.9
20
.006
36.0
.550
RDC10-4R7M-RC
4.7
20
.007
32.0
.550
RDC10-5R6M-RC
5.6
20
.007
29.0
.550
RDC10-6R8M-RC
6.8
20
.008
26.0
.550
RDC10-8R2M-RC
8.2
20
.009
24.5
.550
RDC10-100M-RC
10
20
.010
21.2
.550
RDC10-120K-RC
12
10
.011
19.0
.550
RDC10-150K-RC
15
10
.015
17.5
.550
RDC10-180K-RC
18
10
.065
16.5
.550
RDC10-220K-RC
22
10
.025
15.8
.550
RDC10-270K-RC
27
10
.030
14.4
.550
RDC10-330K-RC
33
10
.040
13.2
.406
RDC10-390K-RC
39
10
.046
11.8
.469
RDC10-470K-RC
47
10
.062
11.0
.469
RDC10-560K-RC
56
10
.069
10.0
.485
RDC10-680K-RC
68
10
.077
8.9
.500
RDC10-820K-RC
82
10
.083
8.2
.500
RDC10-101K-RC
100
10
.095
7.5
.500
RDC10-121K-RC
120
10
.127
5.8
.480
RDC10-151K-RC
150
10
.181
5.6
.480
RDC10-181K-RC
180
10
.217
5.1
.480
RDC10-221K-RC
220
10
.240
4.3
.480
RDC10-271K-RC
270
10
.300
4.1
.480
RDC10-331K-RC
330
10
.336
3.8
.480
RDC10-391K-RC
390
10
.460
3.8
.480
RDC10-471K-RC
470
10
.636
3.2
.450
RDC10-561K-RC
560
10
.696
2.9
.450
Features
• Radial Leads for direct Printed Circuit
Board mounting.
• Pre-tinned leads.
• Inductance range from 1.0µh to 560µh.
Also available in non-standard inductance
values.
• Current rating range from 2.9 to 87 amps
DC.
• Ideal for use in switching power supplies,
filter networks and power amplifiers.
Electrical
Inductance: 1±10% measured at 1KHz.
Saturation Current: Lowers inductance by
10%.
°
C for 6 sec.
max. .
Mechanical
Leads are tinned to within 1/16 in. of body.
Coils are finished with UL-VW-1 rated
sleeving.
Physical
Packaging: 25 pieces per bag.
All specifications subject to change without notice.
RDC10 Radial Drum Core Inductors
Allied
Part
Number
Inductance
(µh )
DCR
Max.
Saturation
Current
(A) DC
Dimension
(D)
Tolerance
D
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.66
(16.76)
MAX.
0.66
(16.76)
MAX.
0.84
(21.34)
MAX.
0.50
(12.70)
MAX.
Dimensions:
Inches
(mm)
Temperature Rise: T=50ºC rise
typical at IDC.
IDC
(A)
9.0
9.0
9.0
9.0
9.0
9.0
9.0
9.0
9.0
9.0
9.0
9.0
9.0
9.0
7.2
7.2
5.5
4.5
4.0
4.0
2.8
2.8
2.8
2.8
2.8
2.0
1.6
1.6
1.6
1.6
1.3
1.0
0.8
0.8


Similar Part No. - RDC10-5R6M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC10-5R6M-RC ALLIED-RDC10-5R6M-RC Datasheet
349Kb / 1P
   Radial Drum Core Inductors
More results

Similar Description - RDC10-5R6M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
   Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
   Radial Drum Core Inductors
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC50-1R8K-RC ALLIED-RDC50-1R8K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
RDC30 ALLIED-RDC30 Datasheet
369Kb / 1P
   Radial Drum Core Inductors
RDC20 ALLIED-RDC20 Datasheet
361Kb / 1P
   Radial Drum Core Inductors
RDC50 ALLIED-RDC50 Datasheet
818Kb / 1P
   Radial Drum Core Inductors
RDC20-1R0T-RC ALLIED-RDC20-1R0T-RC Datasheet
788Kb / 1P
   Radial Drum Core Inductors
RDC30-1R0K-RC ALLIED-RDC30-1R0K-RC Datasheet
793Kb / 1P
   Radial Drum Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com