Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM10-671M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # SCM10-671M-RC
Description  Surface Mount Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SCM10-671M-RC Datasheet(HTML) 1 Page - Allied Components International

  SCM10-671M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Allied
Part
Number
SCM10-900M-RC
SCM10-121M-RC
SCM10-161M-RC
SCM10-181M-RC
SCM10-201M-RC
SCM10-221M-RC
SCM10-261M-RC
SCM10-301M-RC
SCM10-361M-RC
SCM10-371M-RC
SCM10-501M-RC
SCM10-671M-RC
SCM10-901M-RC
SCM10 Surface Mount Common Mode Choke
Physical
Packaging: 2000 pieces per 7 inch reel
Marking: None
IDC
Max.
(mA)
330
370
300
330
330
310
300
290
280
280
170
140
80
DCR
Max.
(
Ω)
0.35
0.30
0.40
0.35
0.35
0.35
0.40
0.40
0.45
0.45
0.55
0.60
0.60
Insulation
(MΩ)min
10
10
10
10
10
10
10
10
10
10
10
10
10
Rated
Voltage
(Vdc)
50
50
50
50
50
50
50
50
50
50
50
50
50
Test Freq.
(MHz)
100
100
100
100
100
100
100
100
100
100
100
100
100
Tolerance
(%)
20
20
20
20
20
20
20
20
20
20
20
20
20
Z
90
120
160
180
200
220
260
300
360
370
500
670
900
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
(Ω)
Resistance
SCM10-300M-RC
SCM10-670M-RC
450
400
0.20
0.25
10
10
50
50
100
100
20
20
30
67
REVISED 12/30/08
Features
• Minature SMD common mode filter
• Suitable for automated assembly
• Cost effective monolithic construction
• SCM series offers wide impedance
range
A
ll specifications subject to change without notice.
Electrical
Impedance range:
30 Ω to 900Ω
Test Equipment
Tolerance: 20% over entire range
Operating Temp: -25ºC ~ 85ºC
DCR: Single Wire Test Value
Insulation Resistance: HP4339B
(DCR):
Chen Hwa 502BC
Impedance: HP4286A/HP4287A /
Agilent E4991A
HP4285A with HP42841A
Test time: 6 minutes
• Excellent noise attenuation in a small
package
Test Frequency: 100Mhz
IDC:
Inductance drop 10% Typ.
from original value with no current
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC peak for 10 sec.
(IDC):
HP4284A with HP42841A/
Impedance
Dimensions:
Inches
(mm)
SCHEMATIC
NO POLARITY EQUIVALENT CIRCUIT


Similar Part No. - SCM10-671M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SCM10-671M-RC ALLIED-SCM10-671M-RC Datasheet
1Mb / 1P
   USB 2.0 Common Mode Choke
SCM10-671M-RC ALLIED-SCM10-671M-RC Datasheet
1Mb / 1P
   USB 2.0 Common Mode Choke
More results

Similar Description - SCM10-671M-RC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
   Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
   CHOKE Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
   CHOKE Surface Mount Common Mode Choke
8042 FILTRAN-8042 Datasheet
130Kb / 1P
   CHOKE Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM1206ER161M VISHAY-ICM1206ER161M Datasheet
159Kb / 3P
   Surface Mount Common Mode Choke
Revision: 01-Mar-06
ICM0805ER900M VISHAY-ICM0805ER900M Datasheet
67Kb / 2P
   Surface Mount Common Mode Choke
Revision: 19-Apr-10
logo
NIC-Components Corp.
NCC NIC-NCC Datasheet
126Kb / 3P
   Surface Mount Common Mode Choke
logo
API Delevan
CM6560 API-CM6560 Datasheet
47Kb / 1P
   Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-1206 VISHAY-ICM-1206_06 Datasheet
78Kb / 2P
   Surface Mount Common Mode Choke
Revision: 01-Mar-06
logo
Rhombus Industries Inc.
F-174 RHOMBUS-IND-F-174 Datasheet
16Kb / 1P
   Surface Mount Common Mode Choke
F-1900HV RHOMBUS-IND-F-1900HV Datasheet
16Kb / 1P
   Surface Mount Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com