Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS-150UW Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-150UW
Description  Series 150 - 1206 Standard white
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-150UW Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-150UW Datasheet HTML 1Page - OSA Opto Light GmbH OLS-150UW Datasheet HTML 2Page - OSA Opto Light GmbH OLS-150UW Datasheet HTML 3Page - OSA Opto Light GmbH OLS-150UW Datasheet HTML 4Page - OSA Opto Light GmbH OLS-150UW Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
0,27
0,28
0,29
0,30
0,31
0,32
0,33
0,34
0,35
0,36
0,37
0,38
0,39
0,24
0,26
0,28
0,30
0,32
0,34
0,36
0,38
0,40
0,42
Toleranz +0,005 / -0,005
class 3
class 2
class 1
Cy
Cx
color
coordinates
classes
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 150 - 1206 Standard
white
Features
- size 1206: 3,2(L) x 1,6(W) x 1,2(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
- taping: face-up (T) or face-down (TD) possible
- (Ga,In)N / SiC - Chip type with phosphor
- high luminous intensity types
- on request sorted in color-temperatur (CCT) classes
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
15
30
5
100
450
-40...65
-55...85
-40
-20
0
20
40
60
0
5
10
15
T
op[°C]
Maximal
forward current
(DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
color
coordinates
min
typ
OLS-150 UW
OLS-150 MW
white
white
cathode
cathode
15
15
3,7
3,7
4,5
4,5
0,32/0,33
0,32/0,33
30
70
70
150
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-150UW

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-150UR OSA-OLS-150UR Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
OLS-150UR-C-T OSA-OLS-150UR-C-T Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
OLS-150UR-C-TD OSA-OLS-150UR-C-TD Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
OLS-150UR-CD-T OSA-OLS-150UR-CD-T Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
OLS-150UR-CD-TD OSA-OLS-150UR-CD-TD Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
More results

Similar Description - OLS-150UW

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-150BA460 OSA-OLS-150BA460 Datasheet
132Kb / 5P
   Series 150 - 1206 Standard blue
OLS-150R OSA-OLS-150R Datasheet
129Kb / 5P
   Series 150 - 1206 Standard low cost
OLS-150HYG OSA-OLS-150HYG Datasheet
121Kb / 5P
   Series 150 - 1206 Standard green 572 nm
OLS-150UR OSA-OLS-150UR Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
OLS-150 OSA-OLS-150 Datasheet
129Kb / 5P
   Series 150 - 1206 Standard High luminous intensity
OIS-150880 OSA-OIS-150880 Datasheet
125Kb / 5P
   Series 150 - 1206 Standard IR high intensity 880 nm
OIS-150885 OSA-OIS-150885 Datasheet
116Kb / 5P
   Series 150 - 1206 Standard IR high intensity 885-950 nm
OIS-150660 OSA-OIS-150660 Datasheet
115Kb / 5P
   Series 150 - 1206 Standard IR high intensity 660-850 nm
OLS-330UW OSA-OLS-330UW Datasheet
148Kb / 5P
   Series 330 - 1206 with Lens white
OLS-170UW OSA-OLS-170UW Datasheet
138Kb / 5P
   Series 170 - 0805 Standard white
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com