Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS49587C5871RG Datasheet(PDF) 11 Page - ON Semiconductor

Part # AMIS49587C5871RG
Description  Power Line Carrier Modem
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS49587C5871RG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AMIS49587C5871RG Datasheet HTML 7Page - ON Semiconductor AMIS49587C5871RG Datasheet HTML 8Page - ON Semiconductor AMIS49587C5871RG Datasheet HTML 9Page - ON Semiconductor AMIS49587C5871RG Datasheet HTML 10Page - ON Semiconductor AMIS49587C5871RG Datasheet HTML 11Page - ON Semiconductor AMIS49587C5871RG Datasheet HTML 12Page - ON Semiconductor AMIS49587C5871RG Datasheet HTML 13Page - ON Semiconductor AMIS49587C5871RG Datasheet HTML 14Page - ON Semiconductor AMIS49587C5871RG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
AMIS−49587
http://onsemi.com
11
INTRODUCTION
GENERAL DESCRIPTION
The AMIS−49587 is a single chip half duplex S−FSK
modem dedicated to power line carrier (PLC) data
transmission on low− or medium−voltage power lines. The
device offers complete handling of the protocol layers from
the physical up to the MAC. AMIS−49587 complies with the
EN 50065 CENELEC and the IEC 1334−5−1 standards. It
operates from a single 3.3 V power supply and is interfaced
to the power line by an external power driver and
transformer. An internal PLL is locked to the mains
frequency (50 Hz or 60 Hz) and is used to synchronize the
data transmission at data rates of 300, 600, 1200 and
2400 baud for a 50 Hz mains frequency, corresponding to 3,
6, 12 or 24 data bits per half cycle of the mains frequency
(50 Hz or 60 Hz).
S−FSK is a modulation and demodulation technique that
combines some of the advantages of a classical spread
spectrum system (e.g. immunity against narrow band
interferers) with the advantages of the classical FSK system
(low complexity). The transmitter assigns the space
frequency fS to “data 0” and the mark frequency fM to “data
1”. The difference between S−FSK and the classical FSK
lies in the fact that fS and fM are now placed far from each
other, making their transmission quality independent from
each other (the strengths of the small interferences and the
signal attenuation are both independent at the two
frequencies). The frequency pairs supported by the
AMIS−49587 are in the range of 9−95 kHz with a typical
separation of 10 kHz.
The conditioning and conversion of the signal is
performed at the analog front−end of the circuit. The further
processing of the signal and the handling of the protocol is
digital. At the back−end side, the interface to the application
is done through a serial interface. The digital processing of
the signal is partitioned between hardwired blocks and a
microprocessor block. The microprocessor is controlled by
firmware. Where timing is most critical, the functions are
implemented with dedicated hardware. For the functions
where the timing is less critical, typically the higher level
functions, the circuit makes use of the ARM 7TDMI
microprocessor core.
The processor runs DSP algorithms and, at the same time,
handles the communication protocol. The communication
protocol, in this application, contains the MAC = Medium
Access Control Layer. The program running on the
microprocessor is stored into an on−board ROM. The
working data necessary for the processing is stored in an
internal RAM. At the back−end side the link to the
application hardware is provided by a SCI. The SCI is an
easy to use serial interface, which allows communication
between an external processor used for the application
software and the AMIS−49587 modem. The SCI works on
two wires: TXD and RXD. Baud rate is programmed by
setting 2 bits (BR0, BR1).
Because the low protocol layers are handled in the circuit,
the AMIS−49587 provides an innovative architectural split.
Thanks to this, the user has the benefit of a higher level
interface of the link to the PLC medium. Compared to an
interface at the physical level, the AMIS−49587 allows
faster development of applications. The user just needs to
send the raw data to the AMIS−49587 and no longer has to
take care of the protocol detail of the transmission over the
specific medium. This last part represents usually 50% of the
software development costs.
Minor User Type
Major User Type
SPY
Application
AMIS−49587 in
MONITOR mode
TEST
Application
AMIS−49587 in
TEST mode
CLIENT
Application
AMIS−49587 in
MASTER mode
SERVER
Application
AMIS−49587 in
SLAVE mode
SERVER
Application
AMIS−49587 in
SLAVE mode
Figure 3. Application Examples
AMIS−49587 is an integrated circuit intended to connect
equipment using Distribution Line Carrier (DLC)
communication. It serves two major and two minor types of
applications:
Major type:
Server Applications which provide resources to a
client. A typical application is an electricity meter
device equipped for DLC
Client Applications which exploit remote servers. A
typical application is a concentrator system is a
Minor type:
Spy Applications, used to monitor or test DLC
communication on the channel.
Test Mode, used to test the compliance of a PLC
modem conforms to CENELEC. (Continuous
broadcast of fS or fM).


Similar Part No. - AMIS49587C5871RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS49587C5871RG ONSEMI-AMIS49587C5871RG Datasheet
730Kb / 55P
   Power Line Carrier Modem
December, 2009 -- Rev. P2
AMIS49587C5871RG ONSEMI-AMIS49587C5871RG Datasheet
371Kb / 56P
   Power Line Carrier Modem
December, 2015 ??Rev. 2
More results

Similar Description - AMIS49587C5871RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-49587_P2 ONSEMI-AMIS-49587_P2 Datasheet
730Kb / 55P
   Power Line Carrier Modem
December, 2009 -- Rev. P2
NCN49599 ONSEMI-NCN49599 Datasheet
425Kb / 39P
   Power Line Carrier Modem
March, 2013 ??Rev. P0
NCN49597 ONSEMI-NCN49597 Datasheet
392Kb / 28P
   Power Line Carrier Modem
December, 2011 ??Rev. P0
AMIS-49587 ONSEMI-AMIS-49587_15 Datasheet
371Kb / 56P
   Power Line Carrier Modem
December, 2015 ??Rev. 2
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
logo
NXP Semiconductors
NE5050 PHILIPS-NE5050 Datasheet
656Kb / 6P
   Power line modem
April 15 1992
logo
ON Semiconductor
MC68194 ONSEMI-MC68194 Datasheet
361Kb / 24P
   Carrier Band Modem(CBM)
February, 2000 ??Rev. 6
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
   Power Line Communication Modem
January, 2017 ??Rev. P5
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com