Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC100-820M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # TC100-820M-RC
Description  Toroidal Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

TC100-820M-RC Datasheet(HTML) 1 Page - Allied Components International

  TC100-820M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Pre-tinned Copper Leads
• Vertical and Horizontal Mounting
• Low Cost Construction
• Varnished Windings
Typical Applications Include:
• Switching Power Supplies
• Hash Choke Applications
• EMI/RFI FilteringAnalyzer HP-4291A.
Electrical
Inductance: Measured at 1KHz, 0.01V.
Rated current may decrease inductance
by no more than 10%.
Tolerance: Inductance Tolerance is 20%
over the entire range of inductance values.
Tighter tolerances available.
Current Rating: Continuous operation
at room temperature will not decrease
inductance by more than 10%. 90%
terminal coverage. Solder: H63A. Solder
Available Options Include:
• Tighter Tolerances
• Custom Inductance Values
• Custom Current Ratings
• Custom P.C. Mounts, Including Surface
Mount s Analyzer
HP-4291A .
( )TC100-1R0M-RC
( )TC100-1R2M-RC
( )TC100-1R5M-RC
( )TC100-1R8M-RC
( )TC100-2R2M-RC
( )TC100-2R7M-RC
( )TC100-3R3M-RC
( )TC100-3R9M-RC
( )TC100-4R7M-RC
( )TC100-5R6M-RC
( )TC100-6R8M-RC
( )TC100-8R2M-RC
( )TC100-100M-RC
( )TC100-120M-RC
( )TC100-150M-RC
( )TC100-180M-RC
( )TC100-220M-RC
( )TC100-270M-RC
( )TC100-330M-RC
( )TC100-390M-RC
( )TC100-470M-RC
( )TC100-560M-RC
( )TC100-680M-RC
( )TC100-820M-RC
( )TC100-101M-RC
( )TC100-121M-RC
( )TC100-151M-RC
( )TC100-181M-RC
( )TC100-221M-RC
( )TC100-271M-RC
( )TC100-331M-RC
( )TC100-391M-RC
( )TC100-471M-RC
( )TC100-561M-RC
( )TC100-681M-RC
( )TC100-821M-RC
( )TC100-102M-RC
Lead
Length
(Nom)
Allied
Part
Number
Inductance
(
µh)
DCR
Max
(
Ω)
I
MAX
(Amps)
ID
(Nom)
W/H
(Nom)
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
5
5
5
5
5
5
5
5
5
4.5
4.5
4.5
4.5
4.0
4.0
3.5
3.5
3.5
2.5
2.5
2.5
2.5
2.0
1.7
1.7
1.5
1.5
1.5
1.0
1.0
.7
.7
.7
.7
.5
.5
.5
.262
.262
.262
.262
.262
.262
.262
.262
.28
.28
.28
.28
.28
.28
.28
.28
.28
.28
.28
.28
.28
.24
.24
.24
.24
.24
.24
.24
.24
.24
.24
.24
.24
.24
.24
.24
.24
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
.5
Please specify Vertical or Horizontal Mount by placing a V or H at the beginning of the part number,
i.e. VTC100-1R0M (Vertical Mount). All specifications subject to change without notice.
OD
(Nom)
.004
.004
.005
.005
.007
.007
.008
.009
.01
.011
.012
.013
.014
.018
.02
.025
.029
.035
.04
.06
.095
.120
.125
.200
.250
.31
.42
.49
.59
.64
.66
.74
.88
.99
1.1
1.3
1.6
.25
.25
.25
.25
.25
.25
.25
.25
.22
.22
.22
.22
.22
.22
.22
.22
.22
.22
.22
.22
.22
.23
.23
.23
.23
.23
.23
.23
.23
.23
.23
.23
.23
.23
.23
.23
.23
.58
.58
.58
.58
.58
.58
.58
.58
.60
.60
.60
.60
.60
.60
.60
.60
.60
.60
.60
.60
.60
.56
.56
.56
.56
.56
.56
.56
.56
.56
.56
.56
.56
.56
.56
.56
.56
Tolerance
(%)
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
W
O.D.
I.D.
Lead
Length
Vertical Mount
H
Horizontal Mount
Toroidal Chokes
TC100
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 7/20/09


Similar Part No. - TC100-820M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
TC100-820M-RC ALLIED-TC100-820M-RC Datasheet
378Kb / 1P
   Toroidal Chokes
More results

Similar Description - TC100-820M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
VTC0690 ALLIED-VTC0690 Datasheet
215Kb / 1P
   Toroidal Chokes
VTC570 ALLIED-VTC570 Datasheet
1Mb / 1P
   Toroidal Chokes
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
   Toroidal Chokes
TC230-100L-RC ALLIED-TC230-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
VTCB210 ALLIED-VTCB210 Datasheet
1Mb / 1P
   Toroidal Chokes
TC230 ALLIED-TC230 Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC_10 Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1,023Kb / 1P
   Toroidal Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com