Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1654 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1654
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1654_09 Datasheet HTML 4Page - ON Semiconductor NCP1654_09 Datasheet HTML 5Page - ON Semiconductor NCP1654_09 Datasheet HTML 6Page - ON Semiconductor NCP1654_09 Datasheet HTML 7Page - ON Semiconductor NCP1654_09 Datasheet HTML 8Page - ON Semiconductor NCP1654_09 Datasheet HTML 9Page - ON Semiconductor NCP1654_09 Datasheet HTML 10Page - ON Semiconductor NCP1654_09 Datasheet HTML 11Page - ON Semiconductor NCP1654_09 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
NCP1654
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 8. Vcontrol Maximum Voltage vs.
Temperature
Figure 9. Vcontrol Maximum Swing (DVCONTROL)
vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
100
75
125
50
25
0
−25
−50
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
100
75
125
50
25
0
−25
−50
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Figure 10. Ratio (VOUT Low Detect Threshold /
VREF) vs. Temperature
Figure 11. Pin 5 Source Current when (VOUT
Low Detect) is Activated vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
100
75
50
125
25
0
−25
−50
94.3
94.4
94.5
94.6
94.8
94.9
95.0
95.1
190
200
210
220
230
240
250
260
Figure 12. Over−Current Protection Threshold
vs. Temperature
Figure 13. Over−Power Current Threshold
(@VBO = 0.9 V & Vm = 3 V) vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
185
190
195
200
205
210
215
186
206
226
246
266
286
306
94.7
100
75
125
50
25
0
−25
−50
100
75
125
50
25
0
−25
−50
0
−25
100
75
125
50
25
−50


Similar Part No. - NCP1654_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654BD65R2G ONSEMI-NCP1654BD65R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654DR2 ONSEMI-NCP1654DR2 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1654DR2G ONSEMI-NCP1654DR2G Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
More results

Similar Description - NCP1654_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
NCP1654 ONSEMI-NCP1654 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1655 ONSEMI-NCP1655 Datasheet
732Kb / 23P
   Power Factor Controller for Compact and Robust Multimode Pre-Converters
November, 2020 ??Rev. 0
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com