Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5212A Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5212A
Description  Single Synchronous Step-Down Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5212A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5212A_09 Datasheet HTML 2Page - ON Semiconductor NCP5212A_09 Datasheet HTML 3Page - ON Semiconductor NCP5212A_09 Datasheet HTML 4Page - ON Semiconductor NCP5212A_09 Datasheet HTML 5Page - ON Semiconductor NCP5212A_09 Datasheet HTML 6Page - ON Semiconductor NCP5212A_09 Datasheet HTML 7Page - ON Semiconductor NCP5212A_09 Datasheet HTML 8Page - ON Semiconductor NCP5212A_09 Datasheet HTML 9Page - ON Semiconductor NCP5212A_09 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NCP5212A, NCP5212T
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (VIN = 12 V, VCC = VCCP = 5 V, TA =−40°C to 85°C, unless other noted)
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE
Input Voltage
VIN
4.5
27
V
VCC Operating Voltage
VCC
4.5
5.0
5.5
V
SUPPLY CURRENT
VCC Quiescent Supply Current in
Master operation
IVCC_Master
EN = VEN_Master, VFB forced above
regulation point. DH, DL are open
1.5
2.5
mA
VCC Quiescent Supply Current in
Slave Operation
IVCC_Slave
EN = VEN_Slave, VFB forced above
regulation point, DH, DL are open
1.5
2.5
mA
VCC Shutdown Current
IVCC_SD
EN = VEN_Disable, VCC = 5 V, True
Shutdown
1
mA
BST Quiescent Supply Current in
Master Operation
IBST_Master
EN = VEN_Master, VFB forced above
regulation point, DH and DL are open,
No boost trap diode
0.3
mA
BST Quiescent Supply Current in
Slave Operation
IBST_Slave
EN = VEN_Slave, VFB forced above
regulation point, DH and DL are open
No boost trap diode
0.3
mA
BST Shutdown Current
IBST_SD
EN = 0 V
1
mA
VCCP Shutdown Current
IVCCP_SD
EN = 0 V, VCCP = 5 V
1
mA
VIN Supply Current
IVIN
EN = 5V, VIN = 27 V
35
mA
VIN Shutdown Current
IVIN_SD
EN = 0 V, VIN = 27 V
1
mA
VOLTAGE−MONITOR
Rising VCC Threshold
VCCth+
Wake Up
4.05
4.25
4.48
V
VCC UVLO Hysteresis
VCCHYS
200
275
400
mV
Rising VIN Threshold
VINth+
Wake Up, Design Spec. (Note 2)
3.4
3.8
4.2
V
VIN UVLO Hysteresis
VINHYS
(Note 2)
200
500
800
mV
Power Good High Threshold
VPGH
PGOOD in from
higher Vo
(PGOOD goes
high)
NCP5212A
105
110
115
%
NCP5212T
120
125
130
Power Good High Hysteresis
VPGH_HYS
PGOOD high hysteresis (PGOOD
goes low)
5
%
Power Good Low Threshold
VPGL
PGOOD in from lower Vo (PGOOD
goes high)
80
85
90
%
Power Good Low Hysteresis
VPGL_HYS
PGOOD low hysteresis (PGOOD goes
low)
−5
%
Power Good High Delay
Td_PGH
After Tss, (Note 2)
1.25
ms
Power Good Low Delay
Td_PGL
(Note 2)
1.5
ms
Output Overvoltage Rising Threshold
OVPth+
With respect to
Error Comparator
Threshold of 0.8 V
NCP5212A
110
115
120
%
NCP5212T
125
130
135
Overvoltage Fault Propagation Delay
OVPTblk
FB forced 2% above trip threshold
(Note 2)
1.5
ms
Output Undervoltage Trip Threshold
UVPth
With respect to Error Comparator
Threshold of 0.8 V
75
80
85
%
Output Undervoltage Protection
Blanking Time
UVPTblk
(Note 2)
8/fsw
s
REFERENCE OUTPUT
Internal Reference Voltage
Vref
0.7936
0.8
0.8064
V
2. Guaranteed by design, not tested in production.


Similar Part No. - NCP5212A_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212AMNTXG ONSEMI-NCP5212AMNTXG Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
More results

Similar Description - NCP5212A_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com