Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1654BD200R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1654BD200R2G
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654BD200R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1654BD200R2G Datasheet HTML 1Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 2Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 3Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 4Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 5Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 6Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 7Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 8Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NCP1654
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS TABLE (VCC = 15 V, TJ from −40°C to +125°C, unless otherwise specified) (Note 3)
Symbol
Rating
Min
Typ
Max
Unit
GATE DRIVE SECTION
ROH
Source Resistance @ Isource = 100 mA
9.0
20
W
ROL
Sink Resistance @ Isink = −100 mA
6.6
18
W
Tr
Gate Drive Voltage Rise Time from 1.5 V to 13.5 V (CL = 2.2 nF)
60
ns
Tf
Gate Drive Voltage Fall Time from 13.5 V to 1.5 V (CL = 2.2 nF)
40
ns
REGULATION BLOCK
VREF
Voltage Reference
2.425
2.5
2.575
V
IEA
Error Amplifier Current Capability
±28
mA
GEA
Error Amplifier Gain
100
200
300
mS
IBpin6
Pin 6 Bias Current @ VFB = VREF
−500
500
nA
Vcontrol
Vcontrol(max)
Vcontrol(min)
DVcontrol
Pin5 Voltage
Maximum Control Voltage @ VFB = 2 V
Minimum Control Voltage @ VFB = 3 V
DVcontrol = Vcontrol(max) − Vcontrol(min)
2.7
3.6
0.6
3.0
3.3
V
VOUTL / VREF Ratio (VOUT Low Detect Thresold / VREF)
94
95
96
%
HOUTL / VREF Ratio (VOUT Low Detect Hysteresis / VREF)
0.5
%
IBOOST
Pin 5 Source Current when (VOUT Low Detect) is activated
190
228
260
mA
CURRENT SENSE BLOCK
VS
Current Sense Pin Offset Voltage, (ICS = 100 mA)
10
mV
IS(OCP)
Overcurrent Protection Threshold
185
200
215
mA
POWER LIMITATION BLOCK
ICS x VBO
Overpower Limitation Threshold
200
mVA
ICS(OPL1)
ICS(OPL2)
Overpower Current Threshold (VBO = 0.9 V, VM = 3 V)
Overpower Current Threshold (VBO = 2.67 V, VM = 3 V)
186
62
222
75
308
110
mA
PWM BLOCK
Dcycle
Duty Cycle Range
0−97
%
OSCILLATOR / RAMP GENERATOR BLOCK
fsw
Switching Frequency
65 kHz
133 kHz
200 kHz
58
120
180
65
133
200
72
146
220
kHz
BROWN−OUT DETECTION BLOCK
VBOH
Brown−Out Voltage Threshold (rising)
1.22
1.30
1.38
V
VBOL
Brown−Out Voltage Threshold (falling)
0.65
0.7
0.75
V
IIB
Pin 4 Input Bias Current @ VBO = 1 V
−500
500
nA
CURRENT MODULATION BLOCK
IM1
IM2
IM3
IM4
Multiplier Output Current (Vcontrol = Vcontrol(max), VBO = 0.9 V, ICS = 25 mA)
Multiplier Output Current (Vcontrol = Vcontrol(max), VBO = 0.9 V, ICS = 75 mA, 65 kHz)
Multiplier Output Current (133 kHz, 200 kHz @ 0  125°C)
Multiplier Output Current (133 kHz, 200 kHz @ −40  125°C)
Multiplier Output Current (Vcontrol = Vcontrol(min) + 0.2 V, VBO = 0.9 V, ICS = 25 mA
Multiplier Output Current (Vcontrol = Vcontrol(min) + 0.2 V, VBO = 0.9 V, ICS = 75 mA
2.1
2.1
1.5
1.9
5.6
5.6
5.6
28.1
84.4
8.1
8.1
8.5
mA
3. The above specification gives the targeted values of the parameters. The final specification will be available once the complete circuit charac-
terization has been performed.


Similar Part No. - NCP1654BD200R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
More results

Similar Description - NCP1654BD200R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
NCP1654 ONSEMI-NCP1654 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1655 ONSEMI-NCP1655 Datasheet
732Kb / 23P
   Power Factor Controller for Compact and Robust Multimode Pre-Converters
November, 2020 ??Rev. 0
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com