Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5217A Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5217A
Description  Single Synchronous Step-Down Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5217A Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5217A Datasheet HTML 3Page - ON Semiconductor NCP5217A Datasheet HTML 4Page - ON Semiconductor NCP5217A Datasheet HTML 5Page - ON Semiconductor NCP5217A Datasheet HTML 6Page - ON Semiconductor NCP5217A Datasheet HTML 7Page - ON Semiconductor NCP5217A Datasheet HTML 8Page - ON Semiconductor NCP5217A Datasheet HTML 9Page - ON Semiconductor NCP5217A Datasheet HTML 10Page - ON Semiconductor NCP5217A Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP5217A
http://onsemi.com
7
TYPICAL OPERATING CHARACTERISTICS
0.77
0.78
0.79
0.8
0.81
0.82
0.83
−40
−15
10
35
60
85
AMBIENT TEMPERATURE (°C)
Figure 3. Vref Voltage vs Ambient Temperature
−20
−10
0
10
−40
−15
10
35
60
85
40
30
20
−100
−50
0
50
100
150
200
−40
−15
10
35
60
85
AMBIENT TEMPERATURE (°C)
Figure 4. VCC Shutdown Current vs Ambient
Temperature
AMBIENT TEMPERATURE (°C)
285
290
295
300
305
310
315
−40
−15
10
35
60
85
AMBIENT TEMPERATURE (°C)
Figure 5. Switching Frequency vs Ambient
Temperature
0.2
0.3
0.4
0.5
0.6
0.7
0.8
−40
−15
10
35
60
85
AMBIENT TEMPERATURE (°C)
Figure 6. IDRP Gain vs Ambient Temperature
Figure 7. BST Shutdown Current vs Ambient
Temperature
AMBIENT TEMPERATURE (°C)
37
38
39
40
41
42
43
−40
−15
10
35
60
85
AMBIENT TEMPERATURE (°C)
Figure 8. Default Fix OC Threshold vs Ambient
Temperature


Similar Part No. - NCP5217A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5217AMNTXG ONSEMI-NCP5217AMNTXG Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
More results

Similar Description - NCP5217A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com