Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1654 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1654
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1654 Datasheet HTML 2Page - ON Semiconductor NCP1654 Datasheet HTML 3Page - ON Semiconductor NCP1654 Datasheet HTML 4Page - ON Semiconductor NCP1654 Datasheet HTML 5Page - ON Semiconductor NCP1654 Datasheet HTML 6Page - ON Semiconductor NCP1654 Datasheet HTML 7Page - ON Semiconductor NCP1654 Datasheet HTML 8Page - ON Semiconductor NCP1654 Datasheet HTML 9Page - ON Semiconductor NCP1654 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NCP1654
http://onsemi.com
6
-
+
-
+
105% Vref
8% Vref with 4% Vref
Hysteresis
UVP
OVP
Undervoltage
Lock−Out
Reference
Block
Bias Block
Iref
Vdd
Vref
Vcc
DRV
GND
Output
Buffer
8
7
1
UVLO
BO
+
-
OTA
±28 mA
Vcontrol
Vref
OPL
Vdd
Off
+
-
95% Vref
6
5
Q
R
S
Vdd
+
-
Current Mirror
BO
4
BO
Thermal
Shutdown
+
-
Vref
+ -
Vm
Figure 1. Functional Block Diagram
Ics > 200 mA
Ics
Ics
CS
3
Vdd
Vdd
C1
S1
Division
2
65/133/200 kHz
Oscillator
Vref/10% Vref
Vdd
Iref
+
Im = (Ics*Vbo) / (4*(Vcontrol − Vcontrol(min))
Ics*Vbo > 200 mVA
Q
R
RS
PWM
Latch
OL
OPL
OCP
Ics
Vbo
Fault
OVP
VboH / VboL
VboH = 1.3 V, VboL = 0.7 V
FB
200 mA
Vout Low Detect
Vin
+
+
IN
RM
CM
Output
Voltage
(VOUT)
EMI
Filter
AC
Input
Iin
L
IL
IL
RSENSE
Cbulk
RZ
CP
CZ
RCS
RboU
RfbL
RfbU
CBO
RboL
Vcontrol(min)
+
Cfilter
Soft Start
OL
Vramp
UVP BO


Similar Part No. - NCP1654

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654BD65R2G ONSEMI-NCP1654BD65R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654DR2 ONSEMI-NCP1654DR2 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
More results

Similar Description - NCP1654

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
NCP1654 ONSEMI-NCP1654 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1655 ONSEMI-NCP1655 Datasheet
732Kb / 23P
   Power Factor Controller for Compact and Robust Multimode Pre-Converters
November, 2020 ??Rev. 0
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com