Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5680MUTXG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5680MUTXG
Description  High Efficiency White LED Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5680MUTXG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5680MUTXG Datasheet HTML 1Page - ON Semiconductor NCP5680MUTXG Datasheet HTML 2Page - ON Semiconductor NCP5680MUTXG Datasheet HTML 3Page - ON Semiconductor NCP5680MUTXG Datasheet HTML 4Page - ON Semiconductor NCP5680MUTXG Datasheet HTML 5Page - ON Semiconductor NCP5680MUTXG Datasheet HTML 6Page - ON Semiconductor NCP5680MUTXG Datasheet HTML 7Page - ON Semiconductor NCP5680MUTXG Datasheet HTML 8Page - ON Semiconductor NCP5680MUTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
NCP5680
http://onsemi.com
5
PIN DESCRIPTIONS
Pin
Description
Type
Name
10
Vds1
INPUT,
ANALOG
This pin fulfils three functions:
− support the I−LED when the Torch mode is activated. In this case, the Gate drive Vgs1and
Vgs2 signals are deactivated. The internal current mirror, programmed by the I2C port, limits the
ILED2 to 100 mA maximum
− support the Indicator LED current when this mode is activated. In this case, the Vgs1 and Vgs2
signals are deactivated. The internal current mirror, programmed by the I2C port, limits the ILED1
to 20 mA maximum
− sense the Drain voltage across the external NMOS #2 to detect the overload condition: see
Table 2.
11
Is1
INPUT,
ANALOG
This pin, associated to Vgs1 and the Vout pin, returns the sense voltage, developed across the
external shunt resistor, to the LED#1 current control loop. Care must be observed to avoid noise,
stray capacitance and parasitic ohmic element between shunt resistor and this point to minimize
the parasitic pulses on the LED output current.
12
Vgs1
OUTPUT,
POWER
This pin controls the gate of the external NMOS device and the LED is activated when the bit
BLED0=1 in the Select Register byte. Care must be observed to minimize the routing between
this pin and the gate of the external device. Similarly, the PCB track shall be designed to sustain
the relative high current pulse flowing into the Ciss during the normal operation. The built−in
driver structure is capable to control 10A rated NMOS device with Ciss up to 2500 pF.
13
AGND
OUTPUT,
POWER
This pin carries the return to ground of the analog and digital blocks and must be connected to
the external ground plane.
14
Vbias
OUTPUT, Bias
This pin provides the bias voltage necessary to drive the supercap capacitor. The Vbias voltage
is equal to Vout/2 and shall not be overloaded.
15
SCAP
INPUT,
ANALOG
This pin senses the voltage developed across the external SuperCAP. This voltage is fed back to
the Vbias network to maintain the appropriate bias voltage at the superCAP mid point.
16
VgICH
OUTPUT,
ANALOG
This pin drives the gate of the external PMOS associated to the superCAP current control loop.
Such a function might be omitted when not necessary in the final application. In this case, a direct
contact can be set−up between the Vout pin and the external SuperCAP capacitor, the current
being limited to 500 mA maximum.
17
IsICH
INPUT,
ANALOG
This pin, associated with the VgICH signal, is the return of the SuperCAP charge current sense.
An external shunt resistor shall be connected between Vout and the external PMOS drain to
monitor the superCAP charge current.
18
PGND
OUTPUT,
POWER
These pins carry the ground return of the DC/DC converter and must be connected to the extern-
al ground plane. Since this pin provides the current charge path for the external Super Cap capa-
citor, cares must be observed to minimize both the ESR and the ESL parasitic elements between
the Super cap negative electrode and these pins. Using ground plane technique is highly recom-
mended.
19
Vout
OUTPUT,
POWER
This pin provides the output voltage supplied by the DC/DC converter and must be bypassed by
a 10 mF ceramic capacitor minimum located as close as possible to the pin. The circuit shall not
operate without such bypass capacitor properly connected to the Vout pin.
The converter supplies 500 mA maximum continuous current to total external load. Con-
sequently, the re−cycling time depends upon the Super Cap capacitance value, the operating
Vbat input supply voltage and the programmed IICH.
The output voltage is internally clamped to 5.5 V maximum in the event of no load situation. On
the other hand, the output current is limited to 100 mA (maximum) in the event of a short circuit to
ground.
20
C2P
POWER
One side of the external charge pump capacitor (CFLY) is connected to this pin, associated with
C2N pin.
21
C2N
POWER
One side of the external charge pump capacitor (CFLY) is connected to this pin, associated with
C2P.
22
C1P
POWER
One side of the external charge pump capacitor (CFLY) is connected to this pin, associated with
C1N pin.
23
C1N
POWER
One side of the external charge pump capacitor (CFLY) is connected to this pin, associated with
C1P.
24
Vbat
INPUT,
POWER
This pin is connected to the input Battery voltage to supply all the built−in blocks. The pin must be
connected to the Power plane and decoupled to ground by a 10 mF ceramic capacitor minimum.
1. Using low ESR ceramic capacitor, X5R type, is mandatory to optimize the Charge Pump efficiency and to reduce the EMI. Care must be
observed to prevent large influence of the ceramic capacitor DC bias: using 10 V rated capacitor, 0805 or 0603 size, is recommended.
2. Total DC/DC output current is limited to 500 mA


Similar Part No. - NCP5680MUTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5602 ONSEMI-NCP5602 Datasheet
266Kb / 12P
   High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
NCP5602MUTBG ONSEMI-NCP5602MUTBG Datasheet
266Kb / 12P
   High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
NCP5603 ONSEMI-NCP5603 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5603MNR2 ONSEMI-NCP5603MNR2 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
More results

Similar Description - NCP5680MUTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
logo
Texas Instruments
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
[Old version datasheet]   High-Efficiency White LED Driver
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
   High Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 DIODES-AP3154 Datasheet
611Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com